Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM138K Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM138K
Description  Three-terminal 5 A adjustable voltage regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM138K Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM138K Datasheet HTML 2Page - STMicroelectronics LM138K Datasheet HTML 3Page - STMicroelectronics LM138K Datasheet HTML 4Page - STMicroelectronics LM138K Datasheet HTML 5Page - STMicroelectronics LM138K Datasheet HTML 6Page - STMicroelectronics LM138K Datasheet HTML 7Page - STMicroelectronics LM138K Datasheet HTML 8Page - STMicroelectronics LM138K Datasheet HTML 9Page - STMicroelectronics LM138K Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical characteristics
LM138 - LM238 - LM338
6/23
4
Electrical characteristics
Table 4.
Electrical characteristics for LM138/LM238 (1)
1.
(TJ = -55 to 150 °C for LM138, TJ = -25 to 150 °C for LM238, VI - VO = 5 V, IO = 2.5 A. Although power dissipation is
internally limited, these specifications apply to power dissipation up to 50 W, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
KVI
Line regulation (2)
2.
Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects are taken into
account separately by thermal rejection.
TA = 25°C, VI - VO = 3 to 35 V
0.005
0.01
%/V
KVO
Load regulation (2)
TA = 25°C
IO = 10 mA to 5 A
VO ≤ 5 V
5
15
mV
VO ≥ 5 V
0.1
0.3
%
Thermal regulation
Pulse = 20 ms
0.002
0.01
%/W
IADJ
Adjustment pin current
45
100
µA
ΔIADJ
Adjustment pin current
change
IL = 10 mA to 5 A, VI - VO = 3 to 35 V
0.2
5
µA
VREF
Reference voltage
VI - VO = 3 to 35 V, IO = 10 mA to 5 A
P
≤ 50 W
1.19
1.24
1.29
V
KVI
Line regulation (2)
VI - VO = 3 to 35 V
0.02
0.04
%/V
KVO
Load regulation (2)
IO = 10 mA to 5 A
VO ≤ 5 V
20
30
mV
VO ≥ 5 V
0.3
0.6
%
KVT
Temperature stability
TJ = TMIN to TMAX
1%
IO(MIN) Minimum load current
VI - VO ≤ 35 V
3.5
5
mA
IO(MAX) Current limit
VI - VO ≤ 10 V
DC
5
8
A
0.5 ms Peak
7
12
VI - VO = 30 V
1
VNO
RMS output noise (% of
VO)
Ta = 25°C, f = 10 Hz to 10 kHz
0.003
%
RVF
Ripple rejection ratio
VO = 10 V, f = 120 Hz
60
dB
CADJ = 10 µF
60
75
KVH
Long term stability
TA = 125°C
0.3
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com