Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM135 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM135
Description  Precision temperature sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM135 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM135 Datasheet HTML 2Page - STMicroelectronics LM135 Datasheet HTML 3Page - STMicroelectronics LM135 Datasheet HTML 4Page - STMicroelectronics LM135 Datasheet HTML 5Page - STMicroelectronics LM135 Datasheet HTML 6Page - STMicroelectronics LM135 Datasheet HTML 7Page - STMicroelectronics LM135 Datasheet HTML 8Page - STMicroelectronics LM135 Datasheet HTML 9Page - STMicroelectronics LM135 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Application information
LM135-LM235-LM335
6/16
5
Application information
There is an easy method of calibrating the device for higher accuracies (see Typical
applications).
The single point calibration works because the output of the LM135, LM235, LM335 is
proportional to the absolute temperature with the extrapolated output of sensor going to 0V
at 0°K (-273.15°C). Errors in output voltage versus temperature are only slope. Thus a
calibration of the slope at one temperature corrects errors at all temperatures.
The circuit output (calibrated or not) is given by the equation:
VOT + VOTO x
where T is the unknown temperature and To is the reference temperature (in °K).
Nominally, the output is calibrated at 10mV/°K.
Precautions should be taken to ensure good sensing accuracy. As in the case of all
temperatures sensors, self-heating can decrease accuracy. The LM135, LM235, and LM335
should operate with a low current but sufficient to drive the sensor and its calibration circuit
to their maximum operating temperature.
If the sensor is used in surroundings where the thermal resistance is constant, the errors
due to self-heating can be externally calibrated. This is possible if the circuit is biased with a
temperature stable current. Heating will then be proportional to Zener voltage and therefore
temperature. In this way, the error due to self-heating is proportional to the absolute
temperature as scale factor errors.
Typical applications
T
To
-------
Figure 13.
Basic temperature sensor
Figure 14.
Wide operating supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com