Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16NF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP16NF06
Description  N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16NF06 Datasheet(HTML) 1 Page - STMicroelectronics

  STP16NF06 Datasheet HTML 1Page - STMicroelectronics STP16NF06 Datasheet HTML 2Page - STMicroelectronics STP16NF06 Datasheet HTML 3Page - STMicroelectronics STP16NF06 Datasheet HTML 4Page - STMicroelectronics STP16NF06 Datasheet HTML 5Page - STMicroelectronics STP16NF06 Datasheet HTML 6Page - STMicroelectronics STP16NF06 Datasheet HTML 7Page - STMicroelectronics STP16NF06 Datasheet HTML 8Page - STMicroelectronics STP16NF06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
April 2002
.
STP16NF06
STP16NF06FP
N-CHANNEL 60V - 0.08
Ω - 16A TO-220/TO-220FP
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.08Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
LOW GATE CHARGE AT 100 oC
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less
critical
alignment
steps
therefore
a
remarkable manufacturing reproducibility.
APPLICATIONS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
HIGH CURRENT, HIGH SWITCHING SPEED
s
SOLENOID AND RELAY DRIVERS
s
DC-DC & DC-AC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT
TYPE
VDSS
RDS(on)
ID
STP16NF06
STP60NF06FP
60 V
60 V
<0.1
Ω
<0.1
Ω
16 A
11 A
1
2
3
1
2
3
TO-220
TO-220FP
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(*) Current Limited by package’s thermal resistance
(1) ISD ≤ 16A, di/dt ≤ 200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(2) Starting Tj = 25 oC, ID = 8A, VDD = 30V
Symbol
Parameter
Value
Unit
STP16NF06
STP16NF06FP
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
60
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°C
16
11(*)
A
ID
Drain Current (continuous) at TC = 100°C
11
7.5(*)
A
IDM(•)
Drain Current (pulsed)
64
44(*)
A
Ptot
Total Dissipation at TC = 25°C
45
25
W
Derating Factor
0.3
0.17
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
20
V/ns
EAS (2)
Single Pulse Avalanche Energy
130
mJ
VISO
Insulation Withstand Voltage (DC)
--------
2500
V
Tstg
Storage Temperature
-55 to 175
°C
Tj
Operating Junction Temperature


Similar Part No. - STP16NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16NF06 STMICROELECTRONICS-STP16NF06 Datasheet
325Kb / 14P
N-channel 60V - 0.08Ω - 16A - TO-220/TO-220FP STripFET™II Power MOSFET
20-Feb-2007
logo
Inchange Semiconductor ...
STP16NF06 ISC-STP16NF06 Datasheet
318Kb / 2P
Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP16NF06FP STMICROELECTRONICS-STP16NF06FP Datasheet
325Kb / 14P
N-channel 60V - 0.08Ω - 16A - TO-220/TO-220FP STripFET™II Power MOSFET
20-Feb-2007
logo
Inchange Semiconductor ...
STP16NF06FP ISC-STP16NF06FP Datasheet
296Kb / 2P
Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Aug-2002
More results

Similar Description - STP16NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NF06L STMICROELECTRONICS-STB60NF06L Datasheet
472Kb / 11P
N-CHANNEL 60V - 0.012 OHM - 60A TO-220/TO-220FP/D2PAK STripFET™ II POWER MOSFET
Jul-2003
STP16NE06 STMICROELECTRONICS-STP16NE06 Datasheet
337Kb / 9P
N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET
Jun-1998
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Aug-2002
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
Apr-1999
STF12PF06 STMICROELECTRONICS-STF12PF06 Datasheet
260Kb / 10P
P-CHANNEL 60V - 0.18 ohm - 12A TO-220/TO-220FP STripFET II POWER MOSFET
Rev. 2.0
STP20NF06 STMICROELECTRONICS-STP20NF06 Datasheet
275Kb / 10P
N-CHANNEL 60V - 0.06ohm - 20A TO-220/TO-220FP STripFET II POWER MOSFET
07-Nov-2004
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
Oct-2003
STP16NF06 STMICROELECTRONICS-STP16NF06_07 Datasheet
325Kb / 14P
N-channel 60V - 0.08Ω - 16A - TO-220/TO-220FP STripFET™II Power MOSFET
20-Feb-2007
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
21-Feb-2007
STP20NF06 STMICROELECTRONICS-STP20NF06_07 Datasheet
341Kb / 14P
N-channel 60V - 0.06 - 20A - TO-220/TO-220FP STripFET II Power MOSFET
30-May-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com