Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78L33C Datasheet(PDF) 27 Page - STMicroelectronics

Part # L78L33C
Description  Positive voltage regulators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L33C Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L78L33C Datasheet HTML 21Page - STMicroelectronics L78L33C Datasheet HTML 22Page - STMicroelectronics L78L33C Datasheet HTML 23Page - STMicroelectronics L78L33C Datasheet HTML 24Page - STMicroelectronics L78L33C Datasheet HTML 25Page - STMicroelectronics L78L33C Datasheet HTML 26Page - STMicroelectronics L78L33C Datasheet HTML 27Page - STMicroelectronics L78L33C Datasheet HTML 28Page - STMicroelectronics L78L33C Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
L78LxxAB - L78LxxAC - L78LxxC
Order codes
27/29
8
Order codes
Table 23.
Order codes
Part numbers
Packaging
Output voltage
SO-8
TO92 (BAG) (1)
1.
Available in Ammopak with the suffix "-AP" or in Tape & Reel with the suffix "TR". Please note that in these cases pins are
shaped according to Tape & Reel specifications.
SOT-89
L78L33C
L78L33CD-TR
3.3 V
L78L33AC
L78L33ACD13TR
L78L33ACZ
L78L33ACUTR
3.3 V
L78L33AB
L78L33ABD-TR
L78L33ABZ
L78L33ABUTR
3.3 V
L78L05C
L78L05CD13TR
L78L05CZ
5 V
L78L05AC
L78L05ACD13TR
L78L05ACZ
L78L05ACUTR
5 V
L78L05AB
L78L05ABD13TR
L78L05ABZ
L78L05ABUTR
5 V
L78L06AC
L78L06ACD13TR
L78L06ACZ
L78L06ACUTR
6 V
L78L06AB
L78L06ABD13TR
L78L06ABZ
L78L06ABUTR
6 V
L78L08C
L78L08CD13TR
8 V
L78L08AC
L78L08ACD13TR
L78L08ACZ
L78L08ACUTR
8 V
L78L08AB
L78L08ABD13TR
L78L08ABZ
L78L08ABUTR
8 V
L78L09C
L78L09CD13TR
9 V
L78L09AC
L78L09ACD13TR
L78L09ACZ
L78L09ACUTR
9 V
L78L09AB
L78L09ABD13TR
L78L09ABZ
L78L09ABUTR
9 V
L78L10AC
L78L10ACUTR
10 V
L78L12C
L78L12CD13TR
12 V
L78L12AC
L78L12ACD13TR
L78L12ACZ
L78L12ACUTR
12 V
L78L12AB
L78L12ABD-TR
L78L12ABZ
L78L12ABUTR
12 V
L78L15C
L78L15CD-TR
15 V
L78L15AC
L78L15ACD13TR
L78L15ACZ
L78L15ACUTR
15 V
L78L15AB
L78L15ABZ
L78L15ABUTR
15 V
L78L18C
L78L18CD13TR
18 V
L78L18AC
L78L18ACD13TR
L78L18ACUTR
18 V
L78L24C
L78L24CD-TR
24 V
L78L24AC
L78L24ACD-TR
L78L24ACZ
L78L24ACUTR
24 V
L78L24AB
L78L24ABD13TR
L78L24ABZ
L78L24ABUTR
24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com