Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78S09C Datasheet(PDF) 11 Page - STMicroelectronics

Part # L78S09C
Description  2 A positive voltage regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S09C Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L78S09C Datasheet HTML 7Page - STMicroelectronics L78S09C Datasheet HTML 8Page - STMicroelectronics L78S09C Datasheet HTML 9Page - STMicroelectronics L78S09C Datasheet HTML 10Page - STMicroelectronics L78S09C Datasheet HTML 11Page - STMicroelectronics L78S09C Datasheet HTML 12Page - STMicroelectronics L78S09C Datasheet HTML 13Page - STMicroelectronics L78S09C Datasheet HTML 14Page - STMicroelectronics L78S09C Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
L78Sxx - L78SxxC
Electrical characteristics
11/31
Table 11.
Electrical characteristics of L78S24 (refer to the test circuits, TJ = 25 °C, VI = 33 V,
IO = 500 mA, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
23
24
25
V
VO
Output voltage
IO = 1A, VI = 27V
22.8
24
25.2
V
ΔVO
Line regulation
VI = 27 to 38V
480
mV
VI = 30 to 36V
240
ΔVO
Load regulation
IO = 20 mA to 2A
250
mV
IQ
Quiescent current
8
mA
ΔIQ
Quiescent current change
IO = 20mA to 1A
0.5
mA
VI = 27 to 38 V, IO = 20mA
1
ΔVO/ΔT Output voltage drift
IO = 5mA, TJ = -55°C to 150°C
-1.5
mV/°C
eN
Output noise voltage
B =10Hz to 100kHz
170
µV
SVR
Supply voltage rejection
f = 120Hz
48
dB
VI
Operating input voltage
IO ≤1.5A
27
V
RO
Output resistance
f = 1 kHz
23
m
Ω
Isc
Short circuit current
VI = 27V
500
mA
Iscp
Short circuit peak current
3
A
Table 12.
Electrical characteristics of L78S05C (refer to the test circuits, TJ = 25 °C, VI = 10 V,
IO = 500 mA, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
4.8
5
5.2
V
VO
Output voltage
IO = 1A, VI = 7V
4.75
5
5.25
V
ΔVO
Line regulation
VI = 7 to 25V
100
mV
VI = 8 to 25V
50
ΔVO
Load regulation
IO = 20 mA to 1.5A
100
mV
IO = 2A
80
IQ
Quiescent current
8
mA
ΔIQ
Quiescent current change
IO = 20mA to 1A
0.5
mA
VI = 7 to 25 V, IO = 20mA
1.3
ΔVO/ΔT Output voltage drift
IO = 5mA, TJ = 0°C to 70°C
-1.1
mV/°C
eN
Output noise voltage
B =10Hz to 100kHz
40
µV
SVR
Supply voltage rejection
f = 120Hz
54
dB
VI
Operating input voltage
IO ≤1A
8
V
RO
Output resistance
f = 1 kHz
17
m
Ω
Isc
Short circuit current
VI = 27V
500
mA
Iscp
Short circuit peak current
3
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com