Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4941 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4941
Description  Very low drop 1A regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4941 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4941 Datasheet HTML 3Page - STMicroelectronics L4941 Datasheet HTML 4Page - STMicroelectronics L4941 Datasheet HTML 5Page - STMicroelectronics L4941 Datasheet HTML 6Page - STMicroelectronics L4941 Datasheet HTML 7Page - STMicroelectronics L4941 Datasheet HTML 8Page - STMicroelectronics L4941 Datasheet HTML 9Page - STMicroelectronics L4941 Datasheet HTML 10Page - STMicroelectronics L4941 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
L4941
Electrical characteristics
7/17
5
Electrical characteristics
Table 3.
Electrical characteristics (refer to test circuit, VI=7V, CI = 0.1µF, CO = 22µF, TJ = 25°C,
unless otherwise specified.)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 5mA to 1A, VI = 6 to 14V
4.8
5
5.2
V
VI
Input voltage
IO = 5 mA
16
V
∆VO
Line regulation
VI = 6 to 16V, IO = 5 mA
5
20
mV
∆VO
Load regulation
IO = 5mA to 1A
8
20
mV
IO = 0.5A to 1A
5
15
mV
Iq
Quiescent current
IO = 5 mA, VI = 6V
4
8
mA
IO = 1A, VI = 6V
20
40
mA
∆Iq
Quiescent current change
IO = 5 mA, VI = 6 to 14V
3
mA
IO = 1A, VI = 6 to 14V
-10
mA
Vd
Dropout voltage
IO = 0.5A
250
450
mV
IO = 1A
450
700
mV
∆VO/∆T
Output voltage drift
0.6
mV/°C
SVR
Supply voltage rejection
f = 120Hz, IO = 1A
58
68
dB
Isc
Short circuit current
VI = 14V
1.6
2.0
A
VI = 6V
1.8
2.2
ZO
Output impedance
f = 1KHz, IO = 0.5A
30
m
eN
Output noise voltage
B = 100Hz to 100KHz
30
µV/VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com