Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4940V85 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4940V85
Description  Very low drop 1.5 A regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4940V85 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4940V85 Datasheet HTML 3Page - STMicroelectronics L4940V85 Datasheet HTML 4Page - STMicroelectronics L4940V85 Datasheet HTML 5Page - STMicroelectronics L4940V85 Datasheet HTML 6Page - STMicroelectronics L4940V85 Datasheet HTML 7Page - STMicroelectronics L4940V85 Datasheet HTML 8Page - STMicroelectronics L4940V85 Datasheet HTML 9Page - STMicroelectronics L4940V85 Datasheet HTML 10Page - STMicroelectronics L4940V85 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
L4940xx
Electrical characteristics
7/23
5
Electrical characteristics
Table 4.
Electrical characteristics of L4940xx5 (Refer to test circuit, VI = 7 V, CI = 0.1 µF,
CO = 22 µF, TJ = 25°C, unless otherwise specified.)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 500 mA
4.9
5
5.1
V
VO
Output voltage
IO = 5mA to 1.5A, VI = 6.5 to 15 V
4.8
5
5.2
V
VI
Input voltage
IO = 5 mA
17
V
ΔVO
Line regulation
VI = 6 to 17 V, IO = 5 mA
4
10
mV
ΔVO
Load regulation
IO = 5 mA to 1.5 A
8
25
mV
IO = 0.5 A to 1 A
5
15
mV
Iq
Quiescent current
IO = 5 mA
5
8
mA
IO = 1.5 A, VI = 6.5 V
30
50
mA
ΔIq
Quiescent current change
IO = 5 mA
3
mA
IO = 1.5 A, VI = 6.5 to 16 V
15
mA
ΔVO/ΔT Output voltage drift
0.5
mV/°C
SVR
Supply voltage rejection
f = 120 Hz, IO = 1 A
58
68
dB
Vd
Dropout voltage
IO = 0.5 A
200
400
mV
IO = 1.5 A
500
900
mV
Isc
Short circuit current
VI = 14 V
2
2.7
A
VI = 6.5 V
2.2
2.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com