Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4971D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4971D
Description  1.5A STEP DOWN SWITCHING REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4971D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4971D Datasheet HTML 3Page - STMicroelectronics L4971D Datasheet HTML 4Page - STMicroelectronics L4971D Datasheet HTML 5Page - STMicroelectronics L4971D Datasheet HTML 6Page - STMicroelectronics L4971D Datasheet HTML 7Page - STMicroelectronics L4971D Datasheet HTML 8Page - STMicroelectronics L4971D Datasheet HTML 9Page - STMicroelectronics L4971D Datasheet HTML 10Page - STMicroelectronics L4971D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
L4971
Figure 12. Switching Frequency vs. input
voltage.
Figure 13. Switching frequency vs. junction
temperature.
Figure 14. Dropout voltage between pin 5 and 4
Figure 15. Efficiency vs output voltage.
Figure 16. Efficiency vs. output current.
Figure 17. Efficiency vs. output current.
0
5 10 15 20 25 30 35 40 45 50 VCC(V)
90.0
92.5
95.0
97.5
100.0
102.5
105.0
107.5
fsw
(KHz)
D97IN735
Tj=25˚C
-50
0
50
100
Tj(˚C)
90
95
100
105
fsw
(KHz)
D97IN785
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4 IO(A)
0.0
0.1
0.2
0.3
0.4
0.5
∆V
(V)
Tj=25˚C
Tj=125˚C
D97IN736
Tj=-25˚C
0
5
10
15
20
25
VO(V)
82
84
86
88
90
92
94
96
η
(%)
D97IN737
100KHz
VCC=35V
IO=1.5A
200KHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4 IO(A)
60
65
70
75
80
85
90
η
(%)
D97IN738
VCC=8V
fsw=100KHz
VO=5.1V
VCC=12V
VCC=24V
VCC=48V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4 IO(A)
60
65
70
75
80
85
90
η
(%)
D97IN739
VCC=8V
fsw=100KHz
VO=3.36V
VCC=12V
VCC=24V
VCC=48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com