Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K Datasheet(PDF) 101 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 101 Page - STMicroelectronics

Back Button LRIS2K Datasheet HTML 94Page - STMicroelectronics LRIS2K Datasheet HTML 95Page - STMicroelectronics LRIS2K Datasheet HTML 96Page - STMicroelectronics LRIS2K Datasheet HTML 97Page - STMicroelectronics LRIS2K Datasheet HTML 98Page - STMicroelectronics LRIS2K Datasheet HTML 99Page - STMicroelectronics LRIS2K Datasheet HTML 100Page - STMicroelectronics LRIS2K Datasheet HTML 101Page - STMicroelectronics LRIS2K Datasheet HTML 102Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 101 / 102 page
background image
LRIS2K
Revision history
101/102
Revision history
Table 102.
Document revision history
Date
Revision
Changes
13-Jun-2006
1
Initial release.
19-Feb-2007
2
Figure 2: MLP connections added.
Only bits set to ‘1’ are programmed to the AFI and DSFID Registers
(see Section 30: Write AFI and Section 32: Write DSFID.
CTUN typical value for W4/3 modified in Table 93: DC characteristics.
Small text changes.
07-Sep-2007
3
23.5 pF internal tuning capacitor (CTUN) value added (see Features
on page 1 and Table 93: DC characteristics.
VESD modified for MLP in Table 91: Absolute maximum ratings.
08-Apr-2008
4
Small text changes. Titles of Table 63 and Table 64 modified.
Response parameters modified in Section 35: Get Multiple Block
Security Status on page 73.
UFDFPN8 package mechanical data updated and dimensions in
inches rounded to four decimal digits instead of three in Table 98:
UFDFPN8 - 8-lead ultra thin fine pitch dual flat package no lead
(MLP) mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com