Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K Datasheet(PDF) 15 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LRIS2K Datasheet HTML 11Page - STMicroelectronics LRIS2K Datasheet HTML 12Page - STMicroelectronics LRIS2K Datasheet HTML 13Page - STMicroelectronics LRIS2K Datasheet HTML 14Page - STMicroelectronics LRIS2K Datasheet HTML 15Page - STMicroelectronics LRIS2K Datasheet HTML 16Page - STMicroelectronics LRIS2K Datasheet HTML 17Page - STMicroelectronics LRIS2K Datasheet HTML 18Page - STMicroelectronics LRIS2K Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 102 page
background image
LRIS2K
Description
15/102
1.3
Initial dialogue for vicinity cards
The dialog between the vicinity coupling device (VCD) and the vicinity integrated circuit
Card or VICC (LRIS2K) takes place as follows:
●
activation of the LRIS2K by the RF operating field of the VCD.
●
transmission of a command by the VCD.
●
transmission of a response by the LRIS2K.
These operations use the RF power transfer and communication signal interface described
below (see Power transfer, Frequency and Operating field). This technique is called RTF
(Reader Talk First).
1.3.1
Power transfer
Power is transferred to the LRIS2K by radio frequency at 13.56 MHz via coupling antennas
in the LRIS2K and the VCD. The RF operating field of the VCD is transformed on the
LRIS2K antenna to an AC Voltage which is rectified, filtered and internally regulated. The
amplitude modulation (ASK) on this received signal is demodulated by the ASK
demodulator.
1.3.2
Frequency
The ISO 15693 standard defines the carrier frequency (fC) of the operating field as
13.56 MHz ±7 kHz.
1.3.3
Operating field
The LRIS2K operates continuously between Hmin and Hmax.
●
The minimum operating field is Hmin and has a value of 150 mA/m rms.
●
The maximum operating field is Hmax and has a value of 5 A/m rms.
A VCD shall generate a field of at least Hmin and not exceeding Hmax in the operating
volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com