Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78S05CV Datasheet(PDF) 27 Page - STMicroelectronics

Part # L78S05CV
Description  2 A positive voltage regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S05CV Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L78S05CV Datasheet HTML 23Page - STMicroelectronics L78S05CV Datasheet HTML 24Page - STMicroelectronics L78S05CV Datasheet HTML 25Page - STMicroelectronics L78S05CV Datasheet HTML 26Page - STMicroelectronics L78S05CV Datasheet HTML 27Page - STMicroelectronics L78S05CV Datasheet HTML 28Page - STMicroelectronics L78S05CV Datasheet HTML 29Page - STMicroelectronics L78S05CV Datasheet HTML 30Page - STMicroelectronics L78S05CV Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
L78Sxx - L78SxxC
Package mechanical data
27/31
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
11.85
0.466
B0.96
1.05
1.10
0.037
0.041
0.043
C
1.70
0.066
D
8.7
0.342
E
20.0
0.787
G
10.9
0.429
N
16.9
0.665
P
26.2
1.031
R
3.88
4.09
0.152
0.161
U
39.5
1.555
V
30.10
1.185
TO-3 mechanical data
P003C/C
R
C
D
A
P
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com