Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP13 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LNBP13
Description  LNBP supply and control voltage regulator (parallel interface)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP13 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LNBP13 Datasheet HTML 2Page - STMicroelectronics LNBP13 Datasheet HTML 3Page - STMicroelectronics LNBP13 Datasheet HTML 4Page - STMicroelectronics LNBP13 Datasheet HTML 5Page - STMicroelectronics LNBP13 Datasheet HTML 6Page - STMicroelectronics LNBP13 Datasheet HTML 7Page - STMicroelectronics LNBP13 Datasheet HTML 8Page - STMicroelectronics LNBP13 Datasheet HTML 9Page - STMicroelectronics LNBP13 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Maximum ratings
LNBP20 / LNBP1X series
6/24
3
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied
Note:
All logic input pins have internal pull-down resistor (typ. = 250KW)
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC Input voltage (VCC1, VCC2, MI)
28
V
VO
Output voltage
-0.3 to 28
V
IO
Output current (LNBA, LNBB)
Internally Limited
mA
VI
Logic input voltage (ENT, EN OSEL, VSEL, LLC)
-0.5 to 7
V
ISW
Bypass switch current
900
mA
PD
Power dissipation at Tcase < 85°C
14
W
Tstg
Storage temperature range
-40 to +150
°C
Top
Operating junction temperature range
-40 to +125
°C
Table 3.
Thermal data
Symbol
Parameter
PowerSO-20
PowerSO-10
Unit
RthJC
Thermal resistance junction-case
2
2
°C/W
Table 4.
Logic Controls Truth Table
CONTROL I/O
PIN NAME
L
H
OUT
OLF
IOUT > IOMAX or Tj > 150°C
IOUT < IOMAX
IN
ENT
22KHz tone OFF
22KHz tone ON
IN
EN
See Table Below
See Table Below
IN
OSEL
See Table Below
See Table Below
IN
VSEL
See Table Below
See Table Below
IN
LLC
See Table Below
See Table Below
EN
OSEL
VSEL
LLCO
VLNBA
VLNBB
LX
X
X
VMI - 0.4V (typ.)
Disabled
H
L
L
L
13V (typ.)
Disabled
H
L
H
L
18V (typ.)
Disabled
H
L
L
H
14V (typ.)
Disabled
H
L
H
H
19V (typ.)
Disabled
H
H
L
L
Disabled
13V (typ.)
H
H
H
L
Disabled
18V (typ.)
H
H
L
H
Disabled
14V (typ.)
H
H
H
H
Disabled
19V (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com