Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4976D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4976D
Description  1A step down switching regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4976D Datasheet(HTML) 5 Page - STMicroelectronics

  L4976D Datasheet HTML 1Page - STMicroelectronics L4976D Datasheet HTML 2Page - STMicroelectronics L4976D Datasheet HTML 3Page - STMicroelectronics L4976D Datasheet HTML 4Page - STMicroelectronics L4976D Datasheet HTML 5Page - STMicroelectronics L4976D Datasheet HTML 6Page - STMicroelectronics L4976D Datasheet HTML 7Page - STMicroelectronics L4976D Datasheet HTML 8Page - STMicroelectronics L4976D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
L4976
Electrical data
5/17
3
Electrical data
3.1
Maximum ratings
3.2
Thermal data
3.3
Operating temperature rating
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
DIP8
S016W
V5
V11
Input voltage
58
V
V4
V5, V6
Output DC voltage
-1
V
Output peak voltage at t = 0.1
µs, f = 200kHz
-5
V
I4
I5, I6
Maximum output current
internal limit
V6-V5
V12-V11
14
V
V6
V12
Bootstrap voltage
70
V
V7
V13
Analogs input voltage (VCC = 24V)
12
V
V8
V14
(VCC = 20V)
6
V
-0.3
V
PTOT
Power dissipation a TA ≤ 60°C
DIP8
1
W
SO16
0.8
W
TJ,TSTG
Junction and storage temperature
-40 to 150
°C
Table 3. Thermal data
Symbol
Parameter
DIP8
S016W
Unit
RthJA
Maximum thermal resistance junction-ambient
90 (1)
1.
Package mounted on board
110 (1)
°C/W
Table 4. Operating temperature rating
Symbol
Parameter
Value
Unit
TJ
Junction temperature range
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com