Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4973V3.3 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L4973V3.3
Description  3.5A step down switching regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973V3.3 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L4973V3.3 Datasheet HTML 12Page - STMicroelectronics L4973V3.3 Datasheet HTML 13Page - STMicroelectronics L4973V3.3 Datasheet HTML 14Page - STMicroelectronics L4973V3.3 Datasheet HTML 15Page - STMicroelectronics L4973V3.3 Datasheet HTML 16Page - STMicroelectronics L4973V3.3 Datasheet HTML 17Page - STMicroelectronics L4973V3.3 Datasheet HTML 18Page - STMicroelectronics L4973V3.3 Datasheet HTML 19Page - STMicroelectronics L4973V3.3 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Typical characteristics
L4973
16/27
Figure 27. Efficiency vs. output voltage
(Diode STPS745D)
Figure 28. Efficiency vs. output current (
see Figure 7)
Figure 29. Efficiency vs. output current
(see Figure 7)
Figure 30. Efficiency vs. output current
(see Figure 8)
010
15
20
VO(V)
30
525
86
88
90
92
η
(%)
94
96
98
D97IN642
200KHz
100KHz
IO = 3A
VCC = 35V
0123
IO(A)
80
85
90
95
η
(%)
D97IN645
Vcc=12V
Vcc=24V
Vcc=48V
VO = 5.1V
fsw = 100KHz
0123
IO(A)
75
80
85
90
η
(%)
D97IN646
Vcc=12V
Vcc=24V
Vcc=48V
VO = 5.1V
fsw = 200KHz
0123
IO(A)
75
80
85
90
η
(%)
D97IN644
Vcc=12V
Vcc=24V
Vcc=48V
VO = 3.3V
fsw = 100KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com