Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K-MBTG Datasheet(PDF) 40 Page - STMicroelectronics

Part # LRIS2K-MBTG
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-MBTG Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LRIS2K-MBTG Datasheet HTML 36Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 37Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 38Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 39Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 40Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 41Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 42Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 43Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 102 page
background image
LRIS2K states
LRIS2K
40/102
13
LRIS2K states
An LRIS2K can be in one of 4 states:
●
Power-off
●
Ready
●
Quiet
●
Selected
Transitions between these states are specified in Figure 38: LRIS2K state transition diagram
and Table 16: LRIS2K response depending on Request_flags.
13.1
Power-off state
The LRIS2K is in the Power-off state when it does not receive enough energy from the VCD.
13.2
Ready state
The LRIS2K is in the Ready state when it receives enough energy from the VCD. When in
the Ready state, the LRIS2K answers any request where the Select_flag is not set.
13.3
Quiet state
When in the Quiet state, the LRIS2K answers any request except for Inventory requests with
the Address_flag set.
13.4
Selected state
In the Selected state, the LRIS2K answers any request in all modes (see Section 14:
Modes):
●
request in Select mode with the Select_flag set
●
request in Addressed mode if the UID matches
●
request in Non-Addressed mode as it is the mode for general requests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com