Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5972D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5972D
Description  2A switch step down switching regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5972D Datasheet(HTML) 5 Page - STMicroelectronics

  L5972D Datasheet HTML 1Page - STMicroelectronics L5972D Datasheet HTML 2Page - STMicroelectronics L5972D Datasheet HTML 3Page - STMicroelectronics L5972D Datasheet HTML 4Page - STMicroelectronics L5972D Datasheet HTML 5Page - STMicroelectronics L5972D Datasheet HTML 6Page - STMicroelectronics L5972D Datasheet HTML 7Page - STMicroelectronics L5972D Datasheet HTML 8Page - STMicroelectronics L5972D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
L5972D
Electrical characteristics
5/15
3
Electrical characteristics
Table 4.
Electrical characteristics ( TJ = 25°C, VCC = 12V, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VCC
Operating input
voltage range
Vo = 1.235V; Io = 2A
(1)
1.
Specification Referred to TJ from -40 to 125°C. Specification over the -40 to +125 TJ Temperature range
are assured by design, characterization and statistical correlation.
4.4
36
V
RDS(on)
Mosfet on
Resistance
(1)
0.250
0.5
Il
Maximum limiting
current
VCC = 4.4V to 36V
2
2.5
3
A
fs
Switching frequency
(1)
212
250
280
kHz
225
250
275
kHz
Duty cycle
0
100
%
Dynamic characteristics (see test circuit ).
V5
Voltage feedback
4.4V < VCC < 36V,
20mA < IO < 2A
1.220
1.235
1.25
V
(1)
1.198
1.235
1.272
V
h
Efficiency
VO = 5V, VCC = 12V
90
%
DC characteristics
Iqop
Total operating
quiescent current
(1)
35
mA
Iq
Quiescent current
Duty cycle = 0;
VFB = 1.5V
2.5
mA
Error amplfier
VOH
High level output
voltage
VFB = 1V
3.5
V
VOL
Low level output
voltage
VFB = 1.5V
0.4
V
Io source
Source output
current
VCOMP = 1.9V;
VFB = 1V
200
300
µA
Io sink
Sink output current
VCOMP = 1.9V;
VFB = 1.5V
11.5
mA
Ib
Source bias current
2.5
4
µA
DC open loop gain
RL = ∞
50
65
dB
gm
Transconductance
Icomp = -0.1mA to
0.1mA
VCOMP = 1.9V
2.3
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com