Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5994A Datasheet(PDF) 21 Page - STMicroelectronics

Part # L5994A
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L5994A Datasheet HTML 17Page - STMicroelectronics L5994A Datasheet HTML 18Page - STMicroelectronics L5994A Datasheet HTML 19Page - STMicroelectronics L5994A Datasheet HTML 20Page - STMicroelectronics L5994A Datasheet HTML 21Page - STMicroelectronics L5994A Datasheet HTML 22Page - STMicroelectronics L5994A Datasheet HTML 23Page - STMicroelectronics L5994A Datasheet HTML 24Page - STMicroelectronics L5994A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21/26
L5994 - L5994A
The electrical schematic, illustrated in fig. 7, shows that some pull-up/down resistor are added to the compo-
nents strictly needed in a real application. Along with a quad dip-switch, they allow to set manually the logic sig-
nals that control the chip operation. These signals are in the present case:
- Switch 1: RUN1 (0= 5.1V OFF, 1= 5.1V ON)
- Switch 2: OSC (0= 200kHz, 1=300kHz)
- Switch 3: NOSKIP (0= pulse-skipping ON, 1= pulse-skipping OFF)
- Switch 4: RUN2 (0= 3.3V OFF, 1= 3.3V ON)
Please note that as long as each regulator is disabled, the relevant low-side MOSFET is in ON state. Hence, if
the load is capable of sourcing current, it will be short-circuited to ground through the choke and the low-side
MOS.
Although the default switching frequency is 300kHz (switch 2 set on 1) and the passive components have been
selected for this frequency, the demo board will work satisfactorily at 200kHz as well. Actually, at 200kHz the
regulators exhibit the maximum efficiency and the maximum extension of the input voltage range downwards.
On the other hand, the output ripple is greater and the dynamic behaviour slightly worse.
The demonstration board, as it is, does not provide an interface for synchronization. Anyway, it is possible to
synchronize the oscillator (with an appropriate signal: 5V amplitude pulses, spaced out by 400ns min.), provided
the switch is set on 1, simply by feeding the signal into the middle of the divider R8-R9. In this way, synchroni-
zation can be achieved at a frequency higher than 300kHz. To synchronize the oscillator to a frequency between
200kHz and 300kHz, heavier interventions on the board are needed.
Pulse-skipping operation is enabled by default in order to maximize efficiency also in low load current range.
The transition between PWM and pulse-skipping occurs approximately below 1A, however there is a region in
which the two operation modes coexist rather than a definite boundary. That can be seen on the scope as an
irregularity of the waveforms but does not have much influence both on output ripple and efficiency.
Those who do not appreciate asynchronous operation of the pulse-skipping mode can disable it for both regu-
lators, by setting switch 3 on 1. That maintains PWM operation up to very low output currents where, however,
the regulation becomes incompatible with the switching frequency. This means that the minimum ON-time of
the high-side MOSFET is too long for the thruput energy level at the operating frequency. Thus the control sys-
tem begins skipping conduction cycles to avoid the output voltage drifting upwards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com