Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C801 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M27C801
Description  8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C801 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M27C801 Datasheet HTML 11Page - STMicroelectronics M27C801 Datasheet HTML 12Page - STMicroelectronics M27C801 Datasheet HTML 13Page - STMicroelectronics M27C801 Datasheet HTML 14Page - STMicroelectronics M27C801 Datasheet HTML 15Page - STMicroelectronics M27C801 Datasheet HTML 16Page - STMicroelectronics M27C801 Datasheet HTML 17Page - STMicroelectronics M27C801 Datasheet HTML 18Page - STMicroelectronics M27C801 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
M27C801
DC and AC characteristics
15/24
Table 8.
Programming mode DC characteristics(1) (2)
1.
TA = 25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V
2.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol
Parameter
Test condition
Min.
Max.
Unit
ILI
Input leakage current
VIL ≤VIN ≤VIH
±10
µA
ICC
Supply current
50
mA
IPP
Program current
E = VIL
50
mA
VIL
Input low voltage
–0.3
0.8
V
VIH
Input high voltage
2
VCC + 0.5
V
VOL
Output low voltage
IOL = 2.1mA
0.4
V
VOH
Output high voltage TTL
IOH = –1mA
3.6
V
VID
A9 voltage
11.5
12.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com