Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6712Q Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6712Q
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712Q Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6712Q Datasheet HTML 17Page - STMicroelectronics L6712Q Datasheet HTML 18Page - STMicroelectronics L6712Q Datasheet HTML 19Page - STMicroelectronics L6712Q Datasheet HTML 20Page - STMicroelectronics L6712Q Datasheet HTML 21Page - STMicroelectronics L6712Q Datasheet HTML 22Page - STMicroelectronics L6712Q Datasheet HTML 23Page - STMicroelectronics L6712Q Datasheet HTML 24Page - STMicroelectronics L6712Q Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21/29
L6712A L6712
Where
∆IREAD is the difference between one phase current and the ideal current (IMAX/2).
For RSENSE = 4mΩ and IMAX = 40A the current sharing error is equal to 2.5%, neglecting errors due to Rg
and RSENSE mismatches.
3.12.2Average Current Mode (ACM) Control Loop (DROOP=FB)
The average current mode control loop is reported in Figure 18. The current information IDROOP sourced by
the DROOP pin flows into RFB implementing the dependence of the output voltage from the read current.
The ACM control loop gain results (obtained opening the loop after the COMP pin):
Where:
■
is the equivalent output resistance determined by the droop function;
■ ZP(s) is the impedance resulting by the parallel of the output capacitor (and its ESR) and the applied
load Ro;
■ ZF(s) is the compensation network impedance;
■ ZL(s) is the parallel of the two inductor impedance;
■ A(s) is the error amplifier gain;
■
is the ACM PWM transfer function where
∆VOSC is the oscillator ramp amplitude
and has a typical value of 3V
■ RA_Gain is the Remote Amplifier Gain.
Removing the dependence from the Error Amplifier gain, so assuming this gain high enough, the control
loop gain results:
Considering now that in the application of interest it can be assumed that Ro>>RL; ESR<<Ro and
RDROOP<<Ro, it results:
G
LOOP s
()
PWM Z
F s
() R
DROOP
RA_Gain Z
⋅
P s
()
+
()
⋅
⋅
Z
P s
() Z
L s
()
+
()
Z
F s
()
As
()
---------------
1
1
As
()
------------
+
⎝⎠
⎛⎞
R
FB
⋅
+
⋅
------------------------------------------------------------------------------------------------------------------------
–
=
R
DROOP
Rsense
Rg
---------------------- R
FB
⋅
=
PWM
4
5
---
V
IN
∆V
OSC
-------------------
⋅
=
G
LOOP s
()
4
5
---
V
IN
∆V
OSC
-------------------
Z
F s
()
Z
P s
() Z
L s
()
+
------------------------------------
Rs
Rg
--------
RA_Gain Z
⋅
P s
()
R
FB
---------------------------------------------
+
⎝⎠
⎜⎟
⎛⎞
⋅⋅
⋅
–
=
G
LOOP s
()
4
5
---
V
IN
∆V
OSC
-------------------
Z
F s
()
R
FB
---------------
1s Co
R
DROOP
RA_Gain
-------------------------
ESR
+
⎝⎠
⎛⎞
⋅
⋅
+
s
2
Co
L
2
---
s
L
2Ro
⋅
---------------
Co ESR
Co
L
2Ro
⋅
---------------
⋅
+
⋅
+
1
+
⋅
+
⋅
⋅
------------------------------------------------------------------------------------------------------------------------------------------- RA_Gain
⋅⋅
⋅
⋅
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com