Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS4990
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS4990_08 Datasheet HTML 22Page - STMicroelectronics TS4990_08 Datasheet HTML 23Page - STMicroelectronics TS4990_08 Datasheet HTML 24Page - STMicroelectronics TS4990_08 Datasheet HTML 25Page - STMicroelectronics TS4990_08 Datasheet HTML 26Page - STMicroelectronics TS4990_08 Datasheet HTML 27Page - STMicroelectronics TS4990_08 Datasheet HTML 28Page - STMicroelectronics TS4990_08 Datasheet HTML 29Page - STMicroelectronics TS4990_08 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Package information
TS4990
26/32
Figure 69.
TS4990 footprint recommendations
Figure 70.
Tape and reel specification (top view)
Device orientation
The devices are oriented in the carrier pocket with pin number A1 adjacent to the sprocket
holes.
Pad in Cu 18
μm with Flash NiAu (2-6μm, 0.2μm max.)
150
μm min.
500
μm
500
μm
Φ=250μm
Φ=400μm typ.
75µm min.
100
μm max.
Track
Non Solder mask opening
Φ=340μm min.
Pad in Cu 18
μm with Flash NiAu (2-6μm, 0.2μm max.)
150
μm min.
500
μm
500
μm
Φ=250μm
Φ=400μm typ.
75µm min.
100
μm max.
Track
Non Solder mask opening
Φ=340μm min.
User direction of feed
A
1
A
1
8
Die size X + 70µm
4
1.5
4
All dimensions are in mm
User direction of feed
A
1
A
1
A
1
A
1
8
Die size X + 70µm
4
1.5
4
All dimensions are in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com