Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6725ATR Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6725ATR
Description  Voltage mode PWM controller with bootstrap anti-discharging system
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725ATR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6725ATR Datasheet HTML 23Page - STMicroelectronics L6725ATR Datasheet HTML 24Page - STMicroelectronics L6725ATR Datasheet HTML 25Page - STMicroelectronics L6725ATR Datasheet HTML 26Page - STMicroelectronics L6725ATR Datasheet HTML 27Page - STMicroelectronics L6725ATR Datasheet HTML 28Page - STMicroelectronics L6725ATR Datasheet HTML 29Page - STMicroelectronics L6725ATR Datasheet HTML 30Page - STMicroelectronics L6725ATR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
L6725 - L6725A
Demoboard
27/32
Figure 21. Demoboard efficiency
Reference
Value
Manufacturer
Package
Supplier
C15
N.C.
/
/
/
C16-19
2X 330uF
/
/
ST (poscap)
L1
2,7uH
DO3316P-272HC
Coilcraft
SMD
ST
D1
STPS1L30M
ST
DO216AA
ST
D3
N.C.
/
/
/
Q1
STS8DNH3LL
(Dual Mosfet)
ST
SO8
ST
U1
L6725
ST
SO16N
ST
Table 9.
Demoboard part list
F s w = 50 0K H z
75
80
85
90
95
0 , 5
1
1 , 52
2 , 5
3
3 , 54
4 , 55
I out (A )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com