Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYNX40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TYNX40
Description  40A SCRS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYNX40 Datasheet(HTML) 1 Page - STMicroelectronics

  TYNX40 Datasheet HTML 1Page - STMicroelectronics TYNX40 Datasheet HTML 2Page - STMicroelectronics TYNX40 Datasheet HTML 3Page - STMicroelectronics TYNX40 Datasheet HTML 4Page - STMicroelectronics TYNX40 Datasheet HTML 5Page - STMicroelectronics TYNX40 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
Table 1: Main Features
DESCRIPTION
The TYNx40 series is suitable for applications
where in-rush current conditions are critical, such
as overvoltage crowbar protection circuits in
power supplies, in-rush current limiting circuits,
solid state relays (in back to back configuration),
welding equipment, high power motor control
circuits.
Using clip assembly technology, they provide a
superior performance in high surge current
capabilites.
Symbol
Value
Unit
IT(RMS)
40
A
VDRM/VRRM
600 to 1000
V
IGT
35
mA
TYNx40 Series
40A SCRS
REV. 5
February 2006
STANDARD
Table 2: Order Codes
Part Numbers
Marking
TYN640RG
TYN640
TYN840RG
TYN840
TYN1040RG
TYN1040
A
K
G
A
K
G
A
TO-220AB
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS) RMS on-state current (180° conduction angle)
Tc = 95°C
40
A
IT(AV)
Average on-state current (180° conduction angle)
Tc = 95°C
25
A
ITSM
Non repetitive surge peak on-state current
tp = 8.3 ms
Tj = 25°C
480
A
tp = 10 ms
460
I²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
1060
A2S
dI/dt
Critical rate of rise of on-state current IG =
2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4A
PG(AV)
Average gate power dissipation
Tj = 125°C
1W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage
5
V


Similar Part No. - TYNX40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYNX40 STMICROELECTRONICS-TYNX40 Datasheet
50Kb / 4P
40A SCRs
Apr-2002
TYNX40 STMICROELECTRONICS-TYNX40 Datasheet
50Kb / 4P
40A SCRs
Apr-2002
logo
New Jersey Semi-Conduct...
TYNX40 NJSEMI-TYNX40 Datasheet
151Kb / 2P
TYNx40 Series
logo
STMicroelectronics
TYNX40-1 STMICROELECTRONICS-TYNX40-1 Datasheet
50Kb / 4P
40A SCRs
Apr-2002
TYNX40RG STMICROELECTRONICS-TYNX40RG Datasheet
50Kb / 4P
40A SCRs
Apr-2002
More results

Similar Description - TYNX40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYNX40-1 STMICROELECTRONICS-TYNX40-1 Datasheet
50Kb / 4P
40A SCRs
Apr-2002
TYNX40 STMICROELECTRONICS-TYNX40 Datasheet
50Kb / 4P
40A SCRs
Apr-2002
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
STMicroelectronics
TN4035-600G STMICROELECTRONICS-TN4035-600G Datasheet
85Kb / 5P
40A SCRs
Apr-2004
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
logo
Nell Semiconductor Co.,...
40PT06AI NELLSEMI-40PT06AI Datasheet
906Kb / 5P
Stansard SCRs, 40A
40PT NELLSEMI-40PT_14 Datasheet
661Kb / 5P
Stansard SCRs, 40A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
JIEJIE MICROELECTRONICS...
JCT1240 JIEJIE-JCT1240 Datasheet
392Kb / 5P
40A SCRs
logo
Kersemi Electronic Co.,...
TN4035-600G KERSEMI-TN4035-600G Datasheet
420Kb / 5P
40A SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com