Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB200NF03 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB200NF03
Description  N-CHANNEL 30V - 0.0032 ohm - 120A D²PAK/I²PAK/TO-220 STripFET™ II POWER MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB200NF03 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB200NF03 Datasheet HTML 6Page - STMicroelectronics STB200NF03 Datasheet HTML 7Page - STMicroelectronics STB200NF03 Datasheet HTML 8Page - STMicroelectronics STB200NF03 Datasheet HTML 9Page - STMicroelectronics STB200NF03 Datasheet HTML 10Page - STMicroelectronics STB200NF03 Datasheet HTML 11Page - STMicroelectronics STB200NF03 Datasheet HTML 12Page - STMicroelectronics STB200NF03 Datasheet HTML 13Page - STMicroelectronics STB200NF03 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
STB200NF03/-1 STP200NF03
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A0
10.5
10.7
0.413
0.421
B0
15.7
15.9
0.618
0.626
D
1.5
1.6
0.059
0.063
D1
1.59
1.61
0.062
0.063
E
1.65
1.85
0.065
0.073
F
11.4
11.6
0.449
0.456
K0
4.8
5.0
0.189
0.197
P0
3.9
4.1
0.153
0.161
P1
11.9
12.1
0.468
0.476
P2
1.9
2.1
0075
0.082
R50
1.574
T
0.25
0.35
.0.0098
0.0137
W
23.7
24.3
0.933
0.956
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A
330
12.992
B
1.5
0.059
C
12.8
13.2
0.504
0.520
D
20.2
0.795
G
24.4
26.4
0.960
1.039
N
100
3.937
T
30.4
1.197
BASE QTY
BULK QTY
1000
1000
REEL MECHANICAL DATA
* on sales type
TUBE SHIPMENT (no suffix)*
TAPE AND REEL SHIPMENT (suffix ”T4”)*
D2PAK FOOTPRINT
TAPE MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com