Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728_0706 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6728_0706
Description  Single phase PWM controller with Power Good
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728_0706 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6728_0706 Datasheet HTML 15Page - STMicroelectronics L6728_0706 Datasheet HTML 16Page - STMicroelectronics L6728_0706 Datasheet HTML 17Page - STMicroelectronics L6728_0706 Datasheet HTML 18Page - STMicroelectronics L6728_0706 Datasheet HTML 19Page - STMicroelectronics L6728_0706 Datasheet HTML 20Page - STMicroelectronics L6728_0706 Datasheet HTML 21Page - STMicroelectronics L6728_0706 Datasheet HTML 22Page - STMicroelectronics L6728_0706 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
L6728
Application information
19/31
11
Application information
11.1
Inductor design
The inductance value is defined by a compromise between the dynamic response time, the
efficiency, the cost and the size. The inductor has to be calculated to maintain the ripple
current (
∆I
L) between 20 % and 30 % of the maximum output current (typ). The inductance
value can be calculated with the following relationship:
Where FSW is the switching frequency, VIN is the input voltage and VOUT is the output
voltage. Figure 9 shows the ripple current vs. the output voltage for different values of the
inductor, with VIN = 5 V and VIN = 12 V.
Increasing the value of the inductance reduces the current ripple but, at the same time,
increases the converter response time to a dynamic load change. The response time is the
time required by the inductor to change its current from initial to final value. Until the inductor
has not finished its charging time, the output current is supplied by the output capacitors.
Minimizing the response time can minimize the output capacitance required. If the
compensation network is well designed, during a load variation the device is able to set a
duty cycle value very different (0 % or 80 %) from steady state one. When this condition is
reached, the response time is limited by the time required to change the inductor current.
Figure 9.
Inductor current ripple vs output voltage
L
V
IN
V
OUT
–
F
SW
∆I
L
⋅
------------------------------
V
OUT
V
IN
--------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com