Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6728TR
Description  Single phase PWM controller with Power Good
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6728TR Datasheet HTML 23Page - STMicroelectronics L6728TR Datasheet HTML 24Page - STMicroelectronics L6728TR Datasheet HTML 25Page - STMicroelectronics L6728TR Datasheet HTML 26Page - STMicroelectronics L6728TR Datasheet HTML 27Page - STMicroelectronics L6728TR Datasheet HTML 28Page - STMicroelectronics L6728TR Datasheet HTML 29Page - STMicroelectronics L6728TR Datasheet HTML 30Page - STMicroelectronics L6728TR Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
L6728
Package mechanical data
29/31
14
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com
Figure 19.
Package dimensions
Table 8.
DFN10 mechanical data
Dim.
mm
mils
Min
Typ
Max
Min
Typ
Max
A
0.80
0.90
1.00
31.5
35.4
39.4
A1
0.02
0.05
0.8
2.0
A2
0.70
27.6
A3
0.20
7.9
b
0.18
0.23
0.30
7.1
9.1
11.8
D
3.00
118.1
D2
2.21
2.26
2.31
87.0
89.0
90.9
E
3.00
118.1
E2
1.49
1.64
1.74
58.7
64.6
68.5
e
0.50
19.7
L
0.3
0.4
0.5
11.8
15.7
19.7
M
0.75
29.5
m
0.25
9.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com