Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990IDT Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS4990IDT
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990IDT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS4990IDT Datasheet HTML 14Page - STMicroelectronics TS4990IDT Datasheet HTML 15Page - STMicroelectronics TS4990IDT Datasheet HTML 16Page - STMicroelectronics TS4990IDT Datasheet HTML 17Page - STMicroelectronics TS4990IDT Datasheet HTML 18Page - STMicroelectronics TS4990IDT Datasheet HTML 19Page - STMicroelectronics TS4990IDT Datasheet HTML 20Page - STMicroelectronics TS4990IDT Datasheet HTML 21Page - STMicroelectronics TS4990IDT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Application information
TS4990
18/32
4
Application information
4.1
BTL configuration principle
The TS4990 is a monolithic power amplifier with a BTL output type. BTL (bridge tied load)
means that each end of the load is connected to two single-ended output amplifiers. Thus,
we have:
Single-ended output 1 = Vout1 = Vout (V)
Single-ended output 2 = Vout2 = -Vout (V)
and Vout1 - Vout2 = 2Vout (V)
The output power is:
For the same power supply voltage, the output power in BTL configuration is four times
higher than the output power in single-ended configuration.
4.2
Gain in a typical application
The typical application schematics are shown in Figure 1 on page 4.
In the flat region (no Cin effect), the output voltage of the first stage is (in Volts):
For the second stage: Vout2 = -Vout1 (V)
The differential output voltage is (in Volts):
The differential gain named gain (Gv) for more convenience is:
Vout2 is in phase with Vin and Vout1 is phased 180° with Vin. This means that the positive
terminal of the loudspeaker should be connected to Vout2 and the negative to Vout1.
4.3
Low and high frequency response
In the low frequency region, Cin starts to have an effect. Cin forms with Rin a high-pass filter
with a -3 dB cut-off frequency. FCL is in Hz.
In the high frequency region, you can limit the bandwidth by adding a capacitor (Cfeed) in
parallel with Rfeed. It forms a low-pass filter with a -3 dB cut-off frequency. FCH is in Hz.
P
out
2V
out
RMS
()
2
R
L
------------------------------
=
V
out1
V
–
in
()
R
feed
R
in
--------------
=
V
out2
V
out1
–
2V
in
R
feed
R
in
--------------
=
G
v
V
out2
V
out1
–
V
in
----------------------------------
2
R
feed
R
in
--------------
==
F
CL
1
2
πR
inCin
------------------------
=
F
CH
1
2
πR
feedCfeed
------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com