Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6910TR
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6910TR Datasheet HTML 11Page - STMicroelectronics L6910TR Datasheet HTML 12Page - STMicroelectronics L6910TR Datasheet HTML 13Page - STMicroelectronics L6910TR Datasheet HTML 14Page - STMicroelectronics L6910TR Datasheet HTML 15Page - STMicroelectronics L6910TR Datasheet HTML 16Page - STMicroelectronics L6910TR Datasheet HTML 17Page - STMicroelectronics L6910TR Datasheet HTML 18Page - STMicroelectronics L6910TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
15/29
L6910 - L6910A
6.5 APPLICATION SUGGESTIONS FOR HIGHER CURRENTS
For higher output currents, up to 20A, the following configuration can be used (with reference to the demo board
schematic):
Q1,Q2,Q3: STS11NF30L
Q4,Q5,Q6: STS17NF3LL
L: 2.5
µH Magnetic 77121A7 Core 7T 2x AWG16
In these conditions, the following performance have been achieved:
Table 8.
For currents higher than 20A, bigger mosfets should be selected (e.g. STS25NH3LL) both for the high side and
low side (depending on the duty cycle and input voltage).
7
6A DEMO BOARD DESCRIPTION
A compact demo board has been realized to manage currents in the range of 5A-6A .
The external power mosfets are included in a single SO8 package to save space and increase power density.
Two separate rails are provided, for VCC and VIN. They can be connected together by shorting the jumper J1.
The PGOOD signal is used as a logic level and it's been pulled up to VIN because there's no other appropriate
voltage available on the demo board. In case of input voltage higher than 7V (PGOOD Pin Maximum Ab-
solute Rating) a 5V reference is required.
Figure 17. 6A Demo Board Schematic
VIN (V)
VOUT (V)
IOUT (A)
η (%)
VIN (V)
VOUT (V)
IOUT (A)
η (%)
5
1.2
20
81
12
1.2
20
80
5
1.5
20
83
12
1.5
20
83
5
1.8
20
85
12
1.8
20
85
5
2.5
20
89
12
2.5
20
88
5
3.3
20
91
12
3.3
20
91
12
5
20
93
L1
R7
C1- C2
C7
C3-4
Q1/Q1
D2
13
14
10
11
3
1
U1
L6910
VIN
VOUT
PWRGD
6
12
5
4
2
15
7
9
VCC
GND
VREF
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
VFB
COMP
C19
R10
C9
C6
D1
GNDOUT
GNDIN
R2
C8
C5
R6
C18
8
GNDCC
VCC
R5
J1
R3
R4
C20
EAREF
BOOT
R1
C10
R11
Q2/Q1
R8
R9
L1
R7
C1- C2
C7
C3-4
Q1/Q1
D2
13
14
10
11
3
1
U1
L6910
VIN
VOUT
PWRGD
6
12
5
4
2
15
7
9
VCC
GND
VREF
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
VFB
COMP
C19
R10
C9
C9
C6
D1
GNDOUT
GNDIN
GNDIN
R2
C8
C5
R6
C18
8
GNDCC
VCC
R5
J1
R3
R4
R4
C20
C20
EAREF
BOOT
R1
C10
R11
Q2/Q1
R8
R9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com