Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6932H1.2TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6932H1.2TR
Description  High performance 2A ULDO linear regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932H1.2TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6932H1.2TR Datasheet HTML 5Page - STMicroelectronics L6932H1.2TR Datasheet HTML 6Page - STMicroelectronics L6932H1.2TR Datasheet HTML 7Page - STMicroelectronics L6932H1.2TR Datasheet HTML 8Page - STMicroelectronics L6932H1.2TR Datasheet HTML 9Page - STMicroelectronics L6932H1.2TR Datasheet HTML 10Page - STMicroelectronics L6932H1.2TR Datasheet HTML 11Page - STMicroelectronics L6932H1.2TR Datasheet HTML 12Page - STMicroelectronics L6932H1.2TR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
L6932H1.2
Components selection
9/13
7.3
Loop Stability
The stability of the loop is affected by the zero introduced by the output capacitor. The time
constant of the zero is given by:
This zero helps to increase the phase margin of the loop until the time constant is higher
than some hundreds of nsec, depending also on the output voltage and current.
So, using very low ESR ceramic capacitors could produce oscillations at the output, in
particular when regulating high output voltages (adjustable version).
To solve this issue is sufficient to add a small capacitor (e.g. 1nF to 10nF) in parallel to the
high side resistor of the external divider, as shown in Figure 9.
Figure 9.
Compensation network
The thermal resistance junction to ambient of the demoboard is approximately 34°C/W.
This mean that, considering an ambient temperature of 60°C and, a maximum junction
temperature of 150°C, the maximum power that the device can handle is 2.7W.
This means that the device is able to deliver a DC output current of 2A only with a very low
dropout.
T
ESR
C
OUT
×
=
F
ZERP
1
2
π ESR C
OUT
×
×
-----------------------------------------------
=
L6932H1.2
R1
R2
R3
C1
C2
Vout=1.2V to 5V
Vin=2V to 14V
1
2
3
4
5
6
7
8
EN
Vin
Vout
PGOOD
FB
GND
NC2
NC1
C3
L6932H1.2
R1
R2
R3
C1
C2
Vout=1.2V to 5V
Vin=2V to 14V
1
2
3
4
5
6
7
8
EN
Vin
Vout
PGOOD
FB
GND
NC2
NC1
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com