Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6933H1.2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6933H1.2
Description  High performance 2A ULDO linear regulator with Soft Start
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6933H1.2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6933H1.2 Datasheet HTML 2Page - STMicroelectronics L6933H1.2 Datasheet HTML 3Page - STMicroelectronics L6933H1.2 Datasheet HTML 4Page - STMicroelectronics L6933H1.2 Datasheet HTML 5Page - STMicroelectronics L6933H1.2 Datasheet HTML 6Page - STMicroelectronics L6933H1.2 Datasheet HTML 7Page - STMicroelectronics L6933H1.2 Datasheet HTML 8Page - STMicroelectronics L6933H1.2 Datasheet HTML 9Page - STMicroelectronics L6933H1.2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Typical electrical performance
L6933H1.2
6/12
5
Typical electrical performance
6
Soft-Start
When Vin is above the turn-on threshold, the device implements the Soft-Start phase: a
5
µA current is sourced from the SS pin charging the external capacitor. The voltage across
SS capacitor increases until it reaches about 8 V.
The output voltage is in regulation when the SS voltage exceeds VOUT + 1 V. The SS time
results:
If VIN is below the turn-on threshold, the SS pin is kept shorted to GND.
The SS pin can also be used as ENABLE by shorting the pin to GND through an external
switch: when the voltage at this pin is lower than 0.5 V, the device is disabled.
Figure 4.
Output voltage vs
junction temperature
Figure 5.
Quiescent current vs
junction temperature
T
SS
C
SS
V
OUT
1
+
()
•
I
SS
----------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com