Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6933H1.2TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6933H1.2TR
Description  High performance 2A ULDO linear regulator with Soft Start
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6933H1.2TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6933H1.2TR Datasheet HTML 4Page - STMicroelectronics L6933H1.2TR Datasheet HTML 5Page - STMicroelectronics L6933H1.2TR Datasheet HTML 6Page - STMicroelectronics L6933H1.2TR Datasheet HTML 7Page - STMicroelectronics L6933H1.2TR Datasheet HTML 8Page - STMicroelectronics L6933H1.2TR Datasheet HTML 9Page - STMicroelectronics L6933H1.2TR Datasheet HTML 10Page - STMicroelectronics L6933H1.2TR Datasheet HTML 11Page - STMicroelectronics L6933H1.2TR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
L6933H1.2
Components selection
9/12
8
Components selection
8.1
Input capacitor
The input capacitor value depends on a lot of factors such as load transient requirements,
input source (battery or DC/DC converter) and its distance from the input cap. Usually a
47 µF is enough for any application but a much lower value can be sufficient in many cases.
8.2
Output capacitor
The output capacitor choice depends basically on the load transient requirements.
Tantalum, Special Polymer, POSCAP and aluminum capacitors are good and offer very low
ESR values. Multilayer ceramic caps have the lowest ESR and can be used for particular
applications without affecting the loop stability.
Below a list of some suggested capacitor manufacturers
Table 7. Suggested capacitor
Manufacturer
Type
Cap value (µF)
Rated voltage (V)
Murata
Ceramic
1 to 47
4 to 16
Panasonic
Ceramic
1 to 47
4 to 16
Tayo Yuden
Ceramic
1 to 47
4 to 16
TDK
Ceramic
1 to 47
4 to 16
Tokin
Ceramic
1 to 47
4 to 16
SANYO
Poscap
1 to 47
4 to 16
Panasonic
SP
1 to 47
4 to 16
Kemet
Tantalum
1 to 47
4 to 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com