Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN5016AJ-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VN5016AJ-E
Description  Single channel high side driver with analog current sense for automotive applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5016AJ-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VN5016AJ-E Datasheet HTML 17Page - STMicroelectronics VN5016AJ-E Datasheet HTML 18Page - STMicroelectronics VN5016AJ-E Datasheet HTML 19Page - STMicroelectronics VN5016AJ-E Datasheet HTML 20Page - STMicroelectronics VN5016AJ-E Datasheet HTML 21Page - STMicroelectronics VN5016AJ-E Datasheet HTML 22Page - STMicroelectronics VN5016AJ-E Datasheet HTML 23Page - STMicroelectronics VN5016AJ-E Datasheet HTML 24Page - STMicroelectronics VN5016AJ-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
VN5016AJ-E
Electrical specifications
21/32
Figure 23. CS_DIS high level voltage
Figure 24. CS_DIS clamp voltage
Figure 25. CS_DIS low level voltage
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
Vcsdh (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
4
4.5
5
5.5
6
6.5
7
7.5
8
Vcsdcl (V)
Icsd=1mA
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
Vcsdl (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com