Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0107MA1AA2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # Z0107MA1AA2
Description  1 A Triacs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0107MA1AA2 Datasheet(HTML) 7 Page - STMicroelectronics

  Z0107MA1AA2 Datasheet HTML 1Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 2Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 3Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 4Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 5Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 6Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 7Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 8Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Z01
Ordering information
7/9
4
Ordering information
Table 7.
TO-92 Dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.35
0.053
B
4.70
0.185
C2.54
0.100
D4.40
0.173
E
12.70
0.500
F
3.70
0.146
a
0.50
0.019
A
F
C
B
a
DE
Ordering type(1)
1.
xx = sensitivity, y = voltage
Marking(1)
Package
Weight
Base
quantity
Delivery
mode
Z01xxyA 1AA2
Z01xxyA
TO-92
0.2 g
2500
Bulk
Z01xxyA 2AL2
Z01xxyA
TO-92
0.2 g
2000
Ammopack
Z01xxyA 5AL2
Z01xxyA
TO-92
0.2 g
2000
Tape and reel
Z0103yN 5AA4
Z3y
SOT-223
0.12 g
1000
Tape and reel
Z0107yN 5AA4
Z7y
SOT-223
0.12 g
1000
Tape and reel
Z0109yN 5AA4
Z9y
SOT-223
0.12 g
1000
Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com