Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0109MA1AA2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # Z0109MA1AA2
Description  1 A Triacs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109MA1AA2 Datasheet(HTML) 5 Page - STMicroelectronics

  Z0109MA1AA2 Datasheet HTML 1Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 2Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 3Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 4Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 5Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 6Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 7Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 8Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Z01
Ordering information scheme
5/9
2
Ordering information scheme
Table 5.
Product Selector
Part Number
Voltage
Sensitivity
Type
Package
600 V
700 V
800 V
Z0103MA
X
3 mA
Standard
TO-92
Z0103MN
X
3 mA
Standard
SOT-223
Z0103SA
X
3 mA
Standard
TO-92
Z0103SN
X
3 mA
Standard
SOT-223
Z0103NA
X
3 mA
Standard
TO-92
Z0103NN
X
3 mA
Standard
SOT-223
Z0107MA
X
5 mA
Standard
TO-92
Z0107MN
X
5 mA
Standard
SOT-223
Z0107SA
X
5 mA
Standard
TO-92
Z0107SN
X
5 mA
Standard
SOT-223
Z0107NA
X
5 mA
Standard
TO-92
Z0107NN
X
5 mA
Standard
SOT-223
Z0109MA
X
10 mA
Standard
TO-92
Z0109MN
X
10 mA
Standard
SOT-223
Z0109SA
X
10 mA
Standard
TO-92
Z0109SN
X
10 mA
Standard
SOT-223
Z0109NA
X
10 mA
Standard
TO-92
Z0109NN
X
10 mA
Standard
SOT-223
Z0110MA
X
25 mA
Standard
TO-92
Z0110MN
X
25 mA
Standard
SOT-223
Z0110SA
X
25 mA
Standard
TO-92
Z0110SN
X
25 mA
Standard
SOT-223
Z0110NA
X
25 mA
Standard
TO-92
Z0110NN
X
25 mA
Standard
SOT-223
Z 01 03 M A
1AA2
[BLANK]
Triac series
Current
Sensitivity
Voltage
Package
Packing mode
01 = 1A
03 = 3mA
07 = 5mA
09 = 10mA
10 = 25mA
M = 600V
S = 700V
N = 800V
A = TO-92
N = SOT-223
1AA2 = TO-92 Bulk (preferred)
2AL2 = TO-92 Ammopack
5AL2 = TO-92 Tape & reel
5AA4 = SOT-223 Tape & reel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com