Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP20NM50FD Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP20NM50FD
Description  N-CHANNEL 500V - 0.22ohm - 20A TO-220/I2PAK FDmesh™ Power MOSFET with FAST DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP20NM50FD Datasheet(HTML) 3 Page - STMicroelectronics

  STP20NM50FD Datasheet HTML 1Page - STMicroelectronics STP20NM50FD Datasheet HTML 2Page - STMicroelectronics STP20NM50FD Datasheet HTML 3Page - STMicroelectronics STP20NM50FD Datasheet HTML 4Page - STMicroelectronics STP20NM50FD Datasheet HTML 5Page - STMicroelectronics STP20NM50FD Datasheet HTML 6Page - STMicroelectronics STP20NM50FD Datasheet HTML 7Page - STMicroelectronics STP20NM50FD Datasheet HTML 8Page - STMicroelectronics STP20NM50FD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STP20NM50FD/STB20NM50FD-1
ELECTRICAL CHARACTERISTICS (CONTINUED)
DYNAMIC
(1) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(2) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS.
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS >ID(on) xRDS(on)max,
ID = 10A
9S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V,f= 1MHz,VGS = 0
1380
290
40
pF
pF
pF
Coss eq. (2)
Equivalent Output
Capacitance
VGS =0V, VDS = 0V to 400V
130
pF
Rg
Gate Input Resistance
f=1 MHz Gate DC Bias=0
Test Signal Level=20mV
Open Drain
2.8
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD =250V, ID =10 A
RG = 4.7Ω VGS =10V
(see test circuit, Figure 3)
22
ns
tr
Rise Time
20
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD =400V, ID = 20A,
VGS =10V
38
18
10
53
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
Off-voltage Rise Time
VDD = 400V, ID =20A,
RG =4.7Ω, VGS = 10V
(see test circuit, Figure 5)
6ns
tf
Fall Time
15
ns
tc
Cross-over Time
30
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
20
A
ISDM (2)
Source-drain Current (pulsed)
80
A
VSD (1)
Forward On Voltage
ISD =20A,VGS =0
1.5
V
trr
Reverse Recovery Time
ISD = 20 A, di/dt = 100A/µs,
VDD =60V, Tj = 150°C
(see test circuit, Figure 5)
245
ns
Qrr
Reverse Recovery Charge
2
µC
IRRM
Reverse Recovery Current
16
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com