Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP20NM50FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP20NM50FP
Description  N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP20NM50FP Datasheet(HTML) 1 Page - STMicroelectronics

  STP20NM50FP Datasheet HTML 1Page - STMicroelectronics STP20NM50FP Datasheet HTML 2Page - STMicroelectronics STP20NM50FP Datasheet HTML 3Page - STMicroelectronics STP20NM50FP Datasheet HTML 4Page - STMicroelectronics STP20NM50FP Datasheet HTML 5Page - STMicroelectronics STP20NM50FP Datasheet HTML 6Page - STMicroelectronics STP20NM50FP Datasheet HTML 7Page - STMicroelectronics STP20NM50FP Datasheet HTML 8Page - STMicroelectronics STP20NM50FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev 2
September 2005
1/16
16
STB20NM50 - STB20NM50-1
STP20NM50 - STP20NM50FP
N-CHANNEL 550V@Tjmax - 0.20Ω - 20A - TO220/FP-D²PAK-I²PAK
Zener-Protected SuperMESH™ MOSFET
General features
s
HIGH dv/dt AND AVALANCHE CAPABILITIES
s
100% AVALANCHE TESTED
s
LOW INPUT CAPACITANCE AND GATE
CHARGE
s
LOW GATE INPUT RESISTANCE
Description
The MDmesh™ is a new revolutionary MOSFET
technology that associates the Multiple Drain
process
with
the
Company’s
PowerMESH™horizontal layout. The resulting
product has an outstanding low on-resistance,
impressively high dv/dt and exellent avalanche
characteristics and dynamic performances.
Applications
The
MDmesh™
family is
very suitable
for
increasing
power
density
of
high
voltage
converters
allowing
system
miniaturization
andhiher efficiencies
Order codes
Package
Internal schematic diagram
Type
VDSS(@Tj
max)
RDS(on)
ID
STB20NM50
STB20NM50-1
STP20NM50
STP20NM50FP
550 V
550 V
550 V
550 V
<0.25
Ω
<0.25
Ω
<0.25
Ω
<0.25
Ω
20 A
20 A
20 A
20 A
1
2
3
1
2
3
1
3
TO-220
TO-220FP
D²PAK
1
2
3
I²PAK
Sales Type
Marking
Package
Packaging
STB20NM50T4
B20NM50
D²PAK
TAPE & REEL
STB20NM50-1
B20NM50-1
I²PAK
TUBE
STP20NM505
P20NM50
TO-220
TUBE
STP20NM50FP
P20NM50FP
TO-220FP
TUBE
www.st.com


Similar Part No. - STP20NM50FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP20NM50FP STMICROELECTRONICS-STP20NM50FP Datasheet
317Kb / 14P
N-channel 500V - 0.20Ω - 20A - TO220/FP-D2PAK-I2PAK MDmesh??Power MOSFET
26-Jan-2007
logo
Inchange Semiconductor ...
STP20NM50FP ISC-STP20NM50FP Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP20NM50FP VBSEMI-STP20NM50FP Datasheet
1Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
More results

Similar Description - STP20NM50FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
17-Feb-2005
STP22NM50 STMICROELECTRONICS-STP22NM50 Datasheet
356Kb / 10P
N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh™ Power MOSFET
Jan-2003
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh™ Power MOSFET
Jun-2003
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh™ I MOSFET
Dec-2002
STW20NM50 STMICROELECTRONICS-STW20NM50 Datasheet
256Kb / 8P
N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh™ Power MOSFET
Aug-2002
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
12-Jan-2007
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
26-Jul-2006
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
27-Aug-2007
STB20NM50 STMICROELECTRONICS-STB20NM50_07 Datasheet
317Kb / 14P
N-channel 500V - 0.20Ω - 20A - TO220/FP-D2PAK-I2PAK MDmesh??Power MOSFET
26-Jan-2007
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com