Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3258ITS-2.8-R-T1 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT3258ITS-2.8-R-T1
Description  300mA LDO Linear Regulator with 關P Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3258ITS-2.8-R-T1 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT3258ITS-2.8-R-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AAT3258
300mA LDO Linear Regulator with µP Reset
2
3258.2006.03.1.6
Pin Descriptions
Pin Configuration
TSOPJW-8
(Top View)
1
2
3
4
8
7
6
5
VIN
SHDN
VDET
MR
OUT
BYP
GND
RESET
Pin #
Symbol
Function
1
VIN
LDO voltage regulator input pin. This pin should be decoupled with 1µF or
greater capacitor. See application information.
2
SHDN
LDO voltage regulator shutdown pin. This pin should not be left floating.
When connected low, all the internal circuitry is powered down. When high, it
is in normal operation.
3
VDET
Microprocessor reset input power supply pin. It may be connected to V
IN.
4
MR
Manual reset active low input. A logic low signal on MR asserts a reset condi-
tion. Asserted reset continues as long as MR is low and for a minimum of
150ms after MR returns high.
5
RESET
Reset output remains low while V
DET is below the reset threshold and remains
so for a minimum of 150ms after V
DET rises above the reset threshold.
6
GND
Ground connection pin.
7
BYP
LDO voltage regulator bypass capacitor connection. To improve AC ripple
rejection and decrease LDO regulator self noise, connect a 10nF ceramic
capacitor between this pin and GND.
8
OUT
LDO voltage regulator output pin; should be decoupled with a 2.2µF or
greater value low ESR ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com