Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7405 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7405
Description  EQUALIZER CARRADIO SIGNAL PROCESSOR
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7405 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7405_04 Datasheet HTML 17Page - STMicroelectronics TDA7405_04 Datasheet HTML 18Page - STMicroelectronics TDA7405_04 Datasheet HTML 19Page - STMicroelectronics TDA7405_04 Datasheet HTML 20Page - STMicroelectronics TDA7405_04 Datasheet HTML 21Page - STMicroelectronics TDA7405_04 Datasheet HTML 22Page - STMicroelectronics TDA7405_04 Datasheet HTML 23Page - STMicroelectronics TDA7405_04 Datasheet HTML 24Page - STMicroelectronics TDA7405_04 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
21/57
TDA7405
5.10.3Characteristic
To achieve the desired compression characteristic like shown below the volume has to be decreased by 4dB.
Figure 22. Compander Characteristic
5.10.4I²C -BUS-Timing
When the Compander is active a volume- word coming from this stage is added to the I2C-Bus volume-word
and the volume is changed with a soft slope between adjacent steps (SoftStep-stage). As mentioned in the de-
scription of this stage it is not recommended to change the volume during this slope. To avoid this behaviour-
while the Compander is working, and the volume has to be changed, the compander-hold-bit is implemented
(Bit 7 in the subaddress-byte). The recommended timing for changing the volume during compander-ON is the
following:
1. Set the compander-hold-bit
2. Wait the actual SoftStep-time
3. Change the volume
4. Reset the compander-hold-bit
The SoftStep-times are in compander-ON condition automatically adapted to the attack-time of the Compander.
In the following table the related SoftStep-times are shown:
5.10.5AC-Coupling
In some applications additional signal manipulations are desired, for example surround-sound or more-band-
equalizing. For this purpose an AC-Coupling is placed before the speaker-attenuators, which can be activated
or internally shorted by I²C-Bus. In short condition the input-signal of the speaker-attenuator is available at the
AC-Outputs. The input-impedance of this AC-Inputs is 50k
Ω.
Attack-Time
SoftStep-Time
6ms
0.16ms
12ms
0.32ms
24ms
0.64ms
48ms
1.28ms
dB
dB
-60
-50
-40
-30
-20
-10
0
0
-10
-20
-30
-40
-50
-60
Input Level
Output Level
-8dB
15dB
-38dB
2:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com