Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1910 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA1910
Description  10W AUDIO AMPLIFIER WITH MUTING
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1910 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA1910 Datasheet HTML 7Page - STMicroelectronics TDA1910 Datasheet HTML 8Page - STMicroelectronics TDA1910 Datasheet HTML 9Page - STMicroelectronics TDA1910 Datasheet HTML 10Page - STMicroelectronics TDA1910 Datasheet HTML 11Page - STMicroelectronics TDA1910 Datasheet HTML 12Page - STMicroelectronics TDA1910 Datasheet HTML 13Page - STMicroelectronics TDA1910 Datasheet HTML 14Page - STMicroelectronics TDA1910 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
APPLICATION SUGGESTION
The recommended values of the components are those shown on application circuit of fig. 21. Different
values can be used.
The following table can help the designer.
Component
Raccom.
value
Purpose
Larger than
recommended value
Smaller than
recommended value
Allowed range
Min.
Max.
Rg + R1
10K
Ω
Input signal imped.
for muting operation
Increase of the atte-
nuation in muting-on
condition. Decrease
of the input sensitivity.
Decrease of the
attenuation in muting
on condition.
R2
3.3K
Ω
Close loop gain
setting.
Increase of gain.
Decrease of gain.
Increase quiescent
current.
9 R3
R3
100
Ω
Close loop gain
setting.
Decrease of gain.
Increase of gain.
R2/9
R4
1
Ω
Frequency stability
Danger of oscillation
at high frequencies
with inductive loads.
P1
20K
Ω
Volume
potentiometer.
Increase of the
switch-on noise.
Decrease of the input
impedance and of the
input level.
10K
Ω
100K
Ω
C1
C2
C3
1
µF
1
µF
0.22
µF
Input DC decoupling.
Higher low frequency
cutoff.
C4
2.2
µF
Inverting input DC
decoupling.
Increase of the
switch-on noise.
Higher low frequency
cutoff.
0.1
µF
C5
0.1
µF
Supply voltage
bypass.
Danger of oscillations.
C6
10
µF
Ripple rejection.
Increase of SVR.
Increase of the
switch-on time
Degradation of
SVR
2.2
µF
100
µF
C7
47
µF
Bootstrap.
Increase of the distor-
tion at low frequency.
10
µF
100
µF
C8
0.22
µF
Frequency stability.
Danger of oscillation.
C9
2200
µF
(RL = 4
Ω)
1000
µF
(RL = 8
Ω)
Output DC
decoupling.
Higher low frequency
cutoff.
11/15
TDA1910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com