Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7309 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7309
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7309 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7309 Datasheet HTML 5Page - STMicroelectronics TDA7309 Datasheet HTML 6Page - STMicroelectronics TDA7309 Datasheet HTML 7Page - STMicroelectronics TDA7309 Datasheet HTML 8Page - STMicroelectronics TDA7309 Datasheet HTML 9Page - STMicroelectronics TDA7309 Datasheet HTML 10Page - STMicroelectronics TDA7309 Datasheet HTML 11Page - STMicroelectronics TDA7309 Datasheet HTML 12Page - STMicroelectronics TDA7309 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
TDA7309
4.2 Power on reset condition
1 1 1 1 1 1 1 0
Table 10. Volume Codes
Table 11. Mute Loudness Codes
MSB
F6
F5
F4
F3
F2
F1
LSB
FUNCTION
0
step 1dB
000
0dB
001
-1dB
010
-2dB
011
-3dB
100
-4dB
101
-5dB
110
-6dB
111
-7dB
0
step 8dB
0000
0dB
0001
-8dB
0010
-16dB
0011
-24dB
0100
-32dB
0101
-40dB
0110
-48dB
0111
-56dB
1000
-64dB
1001
-72dB
1010
-80dB
1011
-88dB
11
X
X
MUTE
MSB
F6
F5
F4
F3
F2
F1
LSB
FUNCTION
1
0
0
mute/loud
X
0
0
slow soft mute on
X
0
1
fast soft mute on
1
soft mute off
1
LOUD OFF
X
0
0
loud on (10dB)
X
1
0
loud on (20dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com