Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7342 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7342
Description  Digitally controlled audio processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7342 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7342_06 Datasheet HTML 12Page - STMicroelectronics TDA7342_06 Datasheet HTML 13Page - STMicroelectronics TDA7342_06 Datasheet HTML 14Page - STMicroelectronics TDA7342_06 Datasheet HTML 15Page - STMicroelectronics TDA7342_06 Datasheet HTML 16Page - STMicroelectronics TDA7342_06 Datasheet HTML 17Page - STMicroelectronics TDA7342_06 Datasheet HTML 18Page - STMicroelectronics TDA7342_06 Datasheet HTML 19Page - STMicroelectronics TDA7342_06 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package information
TDA7342
18/20
5
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 7.
LQFP32 Mechanical data & package dimensions
OUTLINE AND
MECHANICAL DATA
0060661 D
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.600
0.0630
A1
0.050
0.150 0.0020
0.0059
A2
1.350
1.400
1.450 0.0531 0.0551 0.0571
b
0.300
0.370
0.450 0.0118 0.0146 0.0177
c
0.090
0.200 0.0035
0.0079
D
8.800
9.000
9.200 0.3465 0.3543 0.3622
D1
6.800
7.000
7.200 0.2677 0.2756 0.2835
D3
5.600
0.2205
E
8.800
9.000
9.200 0.3465 0.3543 0.3622
E1
6.800
7.000
7.200 0.2677 0.2756 0.2835
E3
5.600
0.2205
e
0.800
0.0315
L
0.450
0.600
0.750 0.0177 0.0236 0.0295
L1
1.000
0.0394
K
3.500
7.000
0.1378 0.2756
ccc
0.100
0.0039
LQFP32 (7 x 7 x 1.40mm)
Weight: 0.20gr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com