Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7338D Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7338D
Description  STEREO DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7338D Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7338D Datasheet HTML 1Page - STMicroelectronics TDA7338D Datasheet HTML 2Page - STMicroelectronics TDA7338D Datasheet HTML 3Page - STMicroelectronics TDA7338D Datasheet HTML 4Page - STMicroelectronics TDA7338D Datasheet HTML 5Page - STMicroelectronics TDA7338D Datasheet HTML 6Page - STMicroelectronics TDA7338D Datasheet HTML 7Page - STMicroelectronics TDA7338D Datasheet HTML 8Page - STMicroelectronics TDA7338D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
TDA7338
3
ELECTRICAL CHARACTERISTCS
Table 4.
(VCC = 9V; modulation frequency: 1KHz; de-emphasis time: T = 50µs; nominal MPX input voltage:
VMPX = 1.5VPP; m 100% (75KHz deviation, fmod = 1KHz); RIN = 40.2kΩ, ROUT = 40.2kΩ;
Tamb = 27°C; CREF = 4.7µF; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
7.5
9
10.2
V
ICC
Supply Current
5
10
15
mA
VIN
MPX Input Level (peak to peak)
fm = 1KHz
1.5
V
VORMS
A.F. Output Voltage (mono)
pin 10 and 11VIN = 0.5VRMS
MONO;
1.5
V
SVRR
Supply Voltage Ripple Rejection
VRIPPLE = 200mV; f = 1KHz
40
55
dB
VL/VR
Difference of Output Voltage
Levels
pin 10 and 11- mono
-0.8
0.8
dB
Vo/Vi
Gain
V10/V20
8.5
9.5
10.5
dB
RO
Output Resistance
pin 10 and 11
10
50
Ω
VO
DC Output Voltage
pin 10 and 11
4.2
4.5
4.8
V
α
Channel Separation
VR - VSB = -50mVDC
30
45
dB
THD
Total Harmonic Distortion
0.02
0.3
%
Signal plus noise to noise ratio
f = 20Hz to 16KHz; S = 2Vrms
91
dB
αM
Muting Attenuation
V7 and V8 < 0.6V
100
dB
VDC
Mute DC Steps at pins 10, 11
Mute at pin 8
0
4
mV
CARRIER AND HARMONIC SUPPRESSION AT THE OUTPUT
α19
Pilot Signal f = 19KHz
55
70
dB
α38
Subcarrier f = 38KHz
75
dB
α57
Subcarrier f = 57KHz
62
dB
α76
Subcarrier f = 76KHz
90
dB
INTERMODULATION (note 1)
α2fmod = 10KHz; fspur = 1KHz
65
dB
α3fmod = 13KHz; fspur = 1KHz
75
dB
TRAFFIC RADIO (note 2)
α57
Signal f = 57KHz
70
dB
SCA - SUBSIDIARY COMMUNICATIONS AUTHORIZATION (note 3)
α67
Signal f = 67KHz
75
dB
ACI - ADJACENT CHANNEL INTERFERENCE (note4)
α114
Signal f = 114KHz
95
dB
α190
Signal f = 190KHz
84
dB
MONO/ STEREO SWITCH
VINTH
Pilot Threshold Voltage
for stereo "ON"
12
20
28
mVRMS
VINTH
Pilot Threshold Voltage
for stereo "OFF"
7
14
21
mVRMS
VPI
Pilot Indicator Saturation
Voltage
I = 1mA
0.2
0.5
V
IPI
Pilot Indicator Leakage Current
V = 9V
10
µA
V19
Control Voltage for forced mono
α = < 3dB
0.8
V
SN
+
N
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com