Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7403 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7403
Description  BASIC SIGNAL PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7403 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7403 Datasheet HTML 1Page - STMicroelectronics TDA7403 Datasheet HTML 2Page - STMicroelectronics TDA7403 Datasheet HTML 3Page - STMicroelectronics TDA7403 Datasheet HTML 4Page - STMicroelectronics TDA7403 Datasheet HTML 5Page - STMicroelectronics TDA7403 Datasheet HTML 6Page - STMicroelectronics TDA7403 Datasheet HTML 7Page - STMicroelectronics TDA7403 Datasheet HTML 8Page - STMicroelectronics TDA7403 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SOFT STEP
TSW
Switch Time
10
ms
BASS CONTROL
CRANGE
Control Range
±14
dB
ASTEP
Step Resolution
2
dB
fC
Center Frequency
fC1
60
Hz
fC2
70
Hz
fC3
80
Hz
fC4
100
(2)
Hz
QBASS
Quality Factor
Q1
1
Q2
1.25
Q3
1.5
Q4
2
DCGAIN
Bass-Dc-Gain
DC = off
0
dB
DC = on
4.4
dB
TREBLE CONTROL
CRANGE
Control Range
±14
dB
ASTEP
Step Resolution
2
dB
fC
Center Frequency
fC1
10
KHz
fC2
12.5
KHz
fC3
15
KHz
fC4
17.5
KHz
SPEAKER ATTENUATORS
CRANGE
Control Range
50
dB
ASTEP
Step Resolution
1
dB
AMUTE
Output Mute Attenuation
80
dB
EE
Attenuation Set Error
3
dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
10
mV
AUDIO OUTPUTS
VCLIP
Clipping Level
d = 0.3%
2.2
2.6
VRMS
RL
Output Load Resistance
2
K
CL
Output Load Capacitance
10
nF
ROUT
Output Impedance
30
120
VDC
DC Voltage Level
3.8
V
GENERAL
eNO
Output Noise
BW = 20 Hz to 20 KHz
output muted
5
µV
BW = 20 Hz to 20 KHz
all gain = 0dB
10
µV
S/N
Signal to Noise Ratio
all gain = 0dB flat; VO = 2VRMS
106
dB
bass treble at 12dB; VO =
2.6VRMS
96
dB
d
Distortion
VIN = 1VRMS; all stages 0dB
0.002
%
VIN = 1VRMS; Bass & Treble = 12dB
0.05
%
SC
Channel separation Left/Right
80
100
dB
ET
Total Tracking Error
AV = 0 to -20dB
0
1
dB
AV = -20 to -60dB
0
2
dB
1) SM pin is active low (mute condition)
2) See description of Audioprocessor Part - Bass & Treble filter characteristics programming
TDA7403
5/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com