Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7402 Datasheet(PDF) 41 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 37Page - STMicroelectronics TDA7402 Datasheet HTML 38Page - STMicroelectronics TDA7402 Datasheet HTML 39Page - STMicroelectronics TDA7402 Datasheet HTML 40Page - STMicroelectronics TDA7402 Datasheet HTML 41Page - STMicroelectronics TDA7402 Datasheet HTML 42Page - STMicroelectronics TDA7402 Datasheet HTML 43Page - STMicroelectronics TDA7402 Datasheet HTML 44Page - STMicroelectronics TDA7402 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
TDA7402
Functional description of stereo decoder
41/71
Figure 29.
Signals during stereo decoder's SoftMute
Figure 30.
Signal control via SoftMute pin
6.2
InGain + infilter
The InGain stage allows adjustment of the MPX-signal to a magnitude of about 1Vrms
internally, which is the recommended value. The 4th order input filter has a corner frequency
of 80kHz and is used to attenuate spikes and noise, and acts as an anti-aliasing filter for the
following switch capacitor filters.
6.3
Demodulator
In the demodulator block, the left and the right channels are separated from the MPX signal.
In this stage the 19kHz pilot tone is cancelled. To reach a high channel separation the A619
offers an I2C bus programmable roll-off adjustment which is able to compensate for the
lowpass behavior of the tuner section. If the tuner's attenuation at 38kHz is in a range from
7.2% to 31.0%, the A619 needs no external network in front of the MPX-pin. Within this
range, an adjustment to obtain at least 40dB channel separation is possible. The bits for this
adjustment are located together with the fieldstrength adjustment in one byte. This gives the
possibility to perform an optimization step during the production of the car radio, where the
MP-HOLD
SOFTMUTE
PIN
D00AU1165
SOFTMUTE
PLL-HOLD
PLL-HOLD
INFLUENCE
STDHMUTE
MUTED
STDHMUTE
INFLUENCE
SOFTMUTE
INFLUENCE
IIC-BUS
SOFTMUTE
INFLUENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com