Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1035H6I Datasheet(PDF) 5 Page - STMicroelectronics

Part # T1035H6I
Description  High temperature 10 A Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1035H6I Datasheet(HTML) 5 Page - STMicroelectronics

  T1035H6I Datasheet HTML 1Page - STMicroelectronics T1035H6I Datasheet HTML 2Page - STMicroelectronics T1035H6I Datasheet HTML 3Page - STMicroelectronics T1035H6I Datasheet HTML 4Page - STMicroelectronics T1035H6I Datasheet HTML 5Page - STMicroelectronics T1035H6I Datasheet HTML 6Page - STMicroelectronics T1035H6I Datasheet HTML 7Page - STMicroelectronics T1035H6I Datasheet HTML 8Page - STMicroelectronics T1035H6I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
T1035H, T1050H
Characteristics
5/10
Figure 9.
Relative variation of critical rate of
decrease of main current (dI/dt)c
versus reapplied (dV/dt)c
(typical values)
Figure 10.
Relative variation of critical rate of
decrease of main current versus
junction temperature
Figure 11.
Leakage current versus junction
temperature for different values of
blocking voltage (typical values)
Figure 12.
Variation of thermal resistance
junction to ambient versus copper
surface under tab (Epoxy printed
circuit board FR4,
copper thickness = 35 µm)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
100.0
(dI/dt)
c [(dV/dt) c ] / Specified (dI/dt)c
(dV/dt)C (V/µs)
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
(dI/dt)
c [Tj] / (dI/dt)c [Tj=150°C]
Tj(°C)
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
50
75
100
125
150
I
DRM/IRRM(µA)
V
DRM=VRRM=400 V
V
DRM=VRRM=400 V
V
DRM=VRRM=600 V
V
DRM=VRRM=600 V
V
DRM=VRRM=200 V
V
DRM=VRRM=200 V
Tj(°C)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
R
th(j-a)(°C/W)
D²PAK
SCU(cm²)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com