Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB20NM60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB20NM60
Description  N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM60 Datasheet(HTML) 1 Page - STMicroelectronics

  STB20NM60 Datasheet HTML 1Page - STMicroelectronics STB20NM60 Datasheet HTML 2Page - STMicroelectronics STB20NM60 Datasheet HTML 3Page - STMicroelectronics STB20NM60 Datasheet HTML 4Page - STMicroelectronics STB20NM60 Datasheet HTML 5Page - STMicroelectronics STB20NM60 Datasheet HTML 6Page - STMicroelectronics STB20NM60 Datasheet HTML 7Page - STMicroelectronics STB20NM60 Datasheet HTML 8Page - STMicroelectronics STB20NM60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
February 2005
STP20NM60-STP20NM60FP-STW20NM60
STB20NM60 - STB20NM60-1
N-CHANNEL 600V - 0.25
Ω - 20A TO-220/FP/D²/I²PAK/TO-247
MDmesh™ MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 0.25 Ω
s
HIGH dv/dt AND AVALANCHE CAPABILITIES
s
100% AVALANCHE TESTED
s
LOW INPUT CAPACITANCE AND GATE
CHARGE
s
LOW GATE INPUT RESISTANCE
DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET
technology that associates the Multiple Drain pro-
cess with the Company’s PowerMESH™ horizon-
tal
layout.
The
resulting
product
has
an
outstanding low on-resistance, impressively high
dv/dt and excellent avalanche characteristics. The
adoption of the Company’s proprietary strip tech-
nique yields overall dynamic performance that is
significantly better than that of similar competi-
tion’s products.
APPLICATIONS
The MDmesh™ family is very suitable for increas-
ing power density of high voltage converters allow-
ing system miniaturization and higher efficiencies.
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
STP20NM60
STP20NM60FP
STB20NM60
STB20NM60-1
STW20NM60
600 V
600 V
600 V
600 V
600 V
< 0.29
Ω
< 0.29
Ω
< 0.29
Ω
< 0.29
Ω
< 0.29
Ω
20 A
20 A
20 A
20 A
20 A
1
2
3
1
2
3
1
3
1
2
3
TO-220
TO-220FP
D²PAK
I²PAK
1
2
3
TO-247
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP20NM60
P20NM60
TO-220
TUBE
STP20NM60FP
P20NM60FP
TO-220FP
TUBE
STB20NM60T4
B20NM60
D²PAK
TAPE & REEL
STB20NM60-1
B20NM60
I²PAK
TUBE
STW20NM60
W20NM60
TO-247
TUBE
Rev.2


Similar Part No. - STB20NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB20NM60 STMICROELECTRONICS-STB20NM60 Datasheet
440Kb / 18P
N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
27-Aug-2007
logo
Inchange Semiconductor ...
STB20NM60 ISC-STB20NM60 Datasheet
313Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
27-Aug-2007
logo
Inchange Semiconductor ...
STB20NM60-1 ISC-STB20NM60-1 Datasheet
358Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB20NM60A-1 STMICROELECTRONICS-STB20NM60A-1 Datasheet
309Kb / 12P
N-CHANNEL 650V@Tjmax - 0.25 Ohm - 20A I짼PAK/TO-220/TO-220FP
Mar-2004
More results

Similar Description - STB20NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM60 STMICROELECTRONICS-STP11NM60 Datasheet
548Kb / 12P
N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh™ Power MOSFET
May-2003
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
06-Sep-2005
STP20NM50 STMICROELECTRONICS-STP20NM50 Datasheet
532Kb / 16P
N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
05-Sep-2005
STP22NM50 STMICROELECTRONICS-STP22NM50 Datasheet
356Kb / 10P
N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh™ Power MOSFET
Jan-2003
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh™ Power MOSFET
Jun-2003
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
June 2002
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
12-Jan-2007
STP25NM60N STMICROELECTRONICS-STP25NM60N_07 Datasheet
523Kb / 18P
N-channel 600V - 0.140Ω - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
19-Jan-2007
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
27-Aug-2007
STB20NM50 STMICROELECTRONICS-STB20NM50_07 Datasheet
317Kb / 14P
N-channel 500V - 0.20Ω - 20A - TO220/FP-D2PAK-I2PAK MDmesh??Power MOSFET
26-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com