Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7381 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7381
Description  4 x 25W quad bridge car radio amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7381 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7381 Datasheet HTML 5Page - STMicroelectronics TDA7381 Datasheet HTML 6Page - STMicroelectronics TDA7381 Datasheet HTML 7Page - STMicroelectronics TDA7381 Datasheet HTML 8Page - STMicroelectronics TDA7381 Datasheet HTML 9Page - STMicroelectronics TDA7381 Datasheet HTML 10Page - STMicroelectronics TDA7381 Datasheet HTML 11Page - STMicroelectronics TDA7381 Datasheet HTML 12Page - STMicroelectronics TDA7381 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TDA7381
Application hints
9/13
Figure 8.
Clipping detection waveforms.
In other words, this feature offers the means to counteract the extremely sound-damaging
effects of clipping, caused by a sudden increase of odd order harmonics and appearance of
serious intermodulation phenomena. Another possible kind of distortion control could be the
setting of a maximum allowable THD limit (e.g. 0.5%) over the entire audio frequency range.
Besides offering no practical advantages, this procedure cannot be much accurate, as the
non-clipping distortion is likely to vary over frequency.
In case of overheating, pin 25 will signal out the junction temperature proximity to the
thermal shut-down threshold. This will typically start about 2°C before the thermal shut-
down threshold is reached.
As various kind of diagnostics information is available at pin 25 (clipping, shorts and
overheating), it may be necessary to operate some distinctions on order to treat each event
separately.
This could be achieved by taking into account the intrinsically different timing of the
diagnostics output under each circumstance. In fact, clipping will produce pulses normally
much shorter than those present under faulty conditions.
An example of circuit able to distinguish between the two occurrences is shown by
Figure 10.
Figure 9.
Diagnostics waveforms
t
t
t
MUTE PIN
VOLTAGE
Vs
OUTPUT
WAVEFORM
Vpin 25
WAVEFORM
SHORT TO GND
OR TO Vs
D95AU304
CLIPPING
THERMAL
PROXIMITY
ST-BY PIN
VOLTAGE
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com