Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7348D Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7348D
Description  Digitally controlled audio processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7348D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7348D Datasheet HTML 10Page - STMicroelectronics TDA7348D Datasheet HTML 11Page - STMicroelectronics TDA7348D Datasheet HTML 12Page - STMicroelectronics TDA7348D Datasheet HTML 13Page - STMicroelectronics TDA7348D Datasheet HTML 14Page - STMicroelectronics TDA7348D Datasheet HTML 15Page - STMicroelectronics TDA7348D Datasheet HTML 16Page - STMicroelectronics TDA7348D Datasheet HTML 17Page - STMicroelectronics TDA7348D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Software specification
TDA7348
14/20
For example to select -17.5dB attenuation, loudness OFF, the Data Byte is: X X X1 1 1 1 0
X
X
X
1
0
0
1
1
-3.75dB
X
X
X
1
0
1
0
0
-5dB
X
X
X
1
0
1
0
1
-6.25dB
X
X
X
1
0
1
1
0
-7.5dB
X
X
X
1
0
1
1
1
-8.75dB
X
X
X
1
1
0
0
0
-10dB
X
X
X
1
1
0
0
1
-11.25dB
X
X
X
1
1
0
1
0
-12.5dB
X
X
X
1
1
0
1
1
-13.75dB
X
X
X
1
1
1
0
0
-15dB
X
X
X
1
1
1
0
1
-16.25dB
X
X
X
1
1
1
1
0
-17.5dB
X
X
X
1
1
1
1
1
-18.75dB
Table 9.
Mute
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
1
Soft mute on
0
1
Soft mute with fast slope (I = IMAX)
1
1
Soft mute with slow slope (I = IMIN)
1
Direct mute
0
1
Zero crossing mute on
0
0
Zero crossing mute off
(delayed until next zerocrossing)
1
Zero crossing mute and pause detector
reset
0
0
160mV ZC window threshold (WIN = 00)
0
1
80mV ZC window threshold (WIN = 01)
1
0
40mV ZC window threshold (WIN = 10)
1
1
20mV ZC window threshold (WIN = 11)
0
Non-symmetrical Bass Cut
1
Symmetrical Bass Cut
Table 8.
Loudness (continued)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com