Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4066 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC4066
Description  RAD-HARD QUAD BILATERAL SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4066 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC4066 Datasheet HTML 1Page - STMicroelectronics M54HC4066 Datasheet HTML 2Page - STMicroelectronics M54HC4066 Datasheet HTML 3Page - STMicroelectronics M54HC4066 Datasheet HTML 4Page - STMicroelectronics M54HC4066 Datasheet HTML 5Page - STMicroelectronics M54HC4066 Datasheet HTML 6Page - STMicroelectronics M54HC4066 Datasheet HTML 7Page - STMicroelectronics M54HC4066 Datasheet HTML 8Page - STMicroelectronics M54HC4066 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M54HC4066
2/11
Figure 1: IEC Logic Symbols
Figure 2: Logic Diagram
Table 1: Pin Description
Table 2: Truth Table
Table 3: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
PIN N°
SYMBOL
NAME AND FUNCTION
1, 4, 8, 11
1 to 4 I/O
Independent Inputs/Out-
puts
2, 3, 9, 10
1 to 4 O/I
Independent Outputs/
Inputs
13,5, 6,12
1C to4C
Enable Inputs (Active
High)
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
CONTROL
SWITCH FUNCTION
HON
LOFF
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +13
V
VIN
DC Input Voltage
-0.5 to VCC +0.5
V
VI/O
DC Input/Output Voltage
-0.5 to VCC +0.5
V
IOK
Control Input DC Diode Current
± 20
mA
IIOK
I/O DC Diode Current
± 20
mA
IO
DC Output Source Sink Current Per Output Pin
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
300
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
265
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com