Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC273 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC273
Description  RAD-HARD OCTAL D TYPE FLIP FLOP WITH CLEAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC273 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC273 Datasheet HTML 1Page - STMicroelectronics M54HC273 Datasheet HTML 2Page - STMicroelectronics M54HC273 Datasheet HTML 3Page - STMicroelectronics M54HC273 Datasheet HTML 4Page - STMicroelectronics M54HC273 Datasheet HTML 5Page - STMicroelectronics M54HC273 Datasheet HTML 6Page - STMicroelectronics M54HC273 Datasheet HTML 7Page - STMicroelectronics M54HC273 Datasheet HTML 8Page - STMicroelectronics M54HC273 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M54HC273
2/10
IEC LOGIC SYMBOLS
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
PIN N°
SYMBOL
NAME AND FUNCTION
1
CLEAR
Master Reset Input
(Active LOW)
2, 5, 6, 9, 12,
15, 16, 19
Q0 to Q7
Flip Flop Outputs
3, 4, 7, 8, 13,
14, 17, 18
D0 to D7
Data Inputs
11
CLOCK
Clock Input (LOW to
HIGH, Edge Triggered)
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
FUNCTION
CLEAR
CLOCK
D
Q
L
X
X
L
CLEAR
HL
L
HH
H
H
X
Qn
NO CHANGE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com