Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC253 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC253
Description  RAD-HARD DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC253 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC253 Datasheet HTML 1Page - STMicroelectronics M54HC253 Datasheet HTML 2Page - STMicroelectronics M54HC253 Datasheet HTML 3Page - STMicroelectronics M54HC253 Datasheet HTML 4Page - STMicroelectronics M54HC253 Datasheet HTML 5Page - STMicroelectronics M54HC253 Datasheet HTML 6Page - STMicroelectronics M54HC253 Datasheet HTML 7Page - STMicroelectronics M54HC253 Datasheet HTML 8Page - STMicroelectronics M54HC253 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
April 2004
s
HIGH SPEED:
tPD = 16ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 253
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9408-058
DESCRIPTION
The M54HC253 is an high speed CMOS DUAL 4
CHANNEL MULTIPLEXER fabricated with silicon
gate C2MOS technology.
Each of these data (1C0-1C3, 2C0-2C3) is
selected by the two address inputs A and B.
Separate strobe inputs (1G,2G) are provided for
each of the two four-line sections. The strobe input
(nG) can be used to inhibit the data output; the
output of M54HC253 is a high impedance while
the strobe input is held high.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC253
RAD-HARD DUAL 4 CHANNEL
MULTIPLEXER 3 STATE OUTPUT
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC253D
M54HC253D1
FPC
M54HC253K
M54HC253K1
DILC-16
FPC-16


Similar Part No. - M54HC253

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC253 STMICROELECTRONICS-M54HC253 Datasheet
260Kb / 12P
HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER
Jan-1993
M54HC253 STMICROELECTRONICS-M54HC253 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC253B1R STMICROELECTRONICS-M54HC253B1R Datasheet
260Kb / 12P
HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER
Jan-1993
M54HC253C1R STMICROELECTRONICS-M54HC253C1R Datasheet
260Kb / 12P
HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER
Jan-1993
M54HC253D STMICROELECTRONICS-M54HC253D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC253

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC153 STMICROELECTRONICS-M54HC153 Datasheet
260Kb / 12P
HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER
Jan-1993
logo
Toshiba Semiconductor
TC74HC153AP TOSHIBA-TC74HC153AP_07 Datasheet
370Kb / 10P
Dual 4-Channel Multiplexer with 3-State Output
logo
STMicroelectronics
M54HC590 STMICROELECTRONICS-M54HC590 Datasheet
827Kb / 16P
RAD-HARD 8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
01-Jun-2004
M54HC257 STMICROELECTRONICS-M54HC257_04 Datasheet
168Kb / 10P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Apr-2004
M54HC251 STMICROELECTRONICS-M54HC251_04 Datasheet
257Kb / 10P
RAD-HARD 8-CHANNEL MULTIPLEXER (3-STATE)
Apr-2004
M54HC157 STMICROELECTRONICS-M54HC157_04 Datasheet
237Kb / 9P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER
01-Jun-2004
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
30-Apr-2004
M54HC151 STMICROELECTRONICS-M54HC151_04 Datasheet
230Kb / 11P
RAD-HARD 8 CHANNEL MULTIPLEXER
Mar-2004
M54HC153 STMICROELECTRONICS-M54HC153_04 Datasheet
338Kb / 9P
RAD-HARD DUAL 4 CHANNEL MULTIPLEXER
Mar-2004
M74HC253 STMICROELECTRONICS-M74HC253 Datasheet
355Kb / 11P
DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com